Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL0102 Datasheet(PDF) 28 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 24Page - Texas Instruments TPL0102 Datasheet HTML 25Page - Texas Instruments TPL0102 Datasheet HTML 26Page - Texas Instruments TPL0102 Datasheet HTML 27Page - Texas Instruments TPL0102 Datasheet HTML 28Page - Texas Instruments TPL0102 Datasheet HTML 29Page - Texas Instruments TPL0102 Datasheet HTML 30Page - Texas Instruments TPL0102 Datasheet HTML 31Page - Texas Instruments TPL0102 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
f
in
Z
Gain
1
Z
= +
Vo
10
NŸ
Vcc
TPL0102
OPA316
H
W
L
100 K
33 pF
100
50
Ÿ
Vi
+
±
28
TPL0102
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
www.ti.com
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
There are many applications in which variable resistance or voltage division is needed through the use of a
digital potentiometer such as the TPL0102; these are just a few examples. In conjunction with various amplifiers,
the TPL0102 can effectively be used in rheostat mode to modify the gain of an amplifier, in voltage divider mode
to create a Digital to Analog Converter, or one of the potentiometers can be used in voltage divider mode while
the other is in rheostat mode to create a variable current sink.
8.2 Typical Applications
8.2.1 Adjustable Gain Non-Inverting Amplifier
Figure 31. Gain Control Compensation Schematic
8.2.1.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Gain range
6 to 60 dB
8.2.1.2 Detailed Design Procedure
The TPL0102 can be used in rheostat mode with an OPA316 to create an adjustable gain non-inverting amplifier.
The capacitor and resistor values were chosen based upon the Non-Inverting Amplifier Gain equation:
(5)
Where Zin is the impedance between the inverting input and GND and Zf is the impedance of the feedback
network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com