Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002 Datasheet (PDF) - Analog Devices

ADAR4002 Datasheet PDF - Analog Devices
Part # ADAR4002
Download  ADAR4002 Download
File Size   4567.56 Kbytes
Page   66 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit

ADAR4002 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAR4002 Datasheet PDF - Analog Devices

Part # ADAR4002
Download  ADAR4002 Click to download

File Size   4567.56 Kbytes
Page   66 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit

ADAR4002 Datasheet (HTML) - Analog Devices


ADAR4002 Product details

FEATURES
► 0.5 GHz to 19 GHz frequency range
► Programmable 7-bit time delay
► Programmable time delay range (typical)
► Range 0: 0 ps to 508 ps with 4 ps standard resolution
► Range 1: 0 ps to 254 ps with 2 ps high resolution
► Programmable 6-bit attenuation
► 31.5 dB adjustment range
► 0.5 dB resolution
► Performance at 10 GHz for minimum time delay and attenuation
► Insertion loss
► Time Delay Range 0: −20.5 dB
► Time Delay Range 1: −16.2 dB
► Input IP3
► Time Delay Range 0: 15.2 dBm
► Time Delay Range 1: 14.1 dBm
► Input P1dB
► Time Delay Range 0: 5 dBm
► Time Delay Range 1: 4.1 dBm
► Noise figure
► Time Delay Range 0: 21.2 dB
► Time Delay Range 1: 16.6 dB
► Fully programmable via a 3-wire or 4-wire SPI
► 14-bit shift register for daisy chaining and quick data load
► Power consumption: 1 mW with 1.2 V and 1.0 V dual supplies
► 14-lead, 3 mm × 2 mm, LFCSP




Similar Part No. - ADAR4002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAR4002 AD-ADAR4002 Datasheet
2Mb / 21P
Evaluating the ADAR4002 0.5GHz to 19GHz, 1-Channel, Bidirectional True Time Delay Unit
Rev. 0
ADAR4002-EVALZ AD-ADAR4002-EVALZ Datasheet
2Mb / 21P
Evaluating the ADAR4002 0.5GHz to 19GHz, 1-Channel, Bidirectional True Time Delay Unit
Rev. 0
More results


Similar Description - ADAR4002

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC910LC4B HITTITE-HMC910LC4B Datasheet
737Kb / 10P
BROADBAND ANALOG TIME DELAY, DC - 24 GHz
logo
Micronetics, Inc.
EL0051 MICRONETICS-EL0051 Datasheet
187Kb / 2P
High Power Limiters 0.5 GHz to 2 GHz
ES0313-5 MICRONETICS-ES0313-5 Datasheet
159Kb / 2P
High Power Switch 0.5 GHz to 4 GHz
ES0313-10 MICRONETICS-ES0313-10 Datasheet
159Kb / 2P
High Power Switch 0.5 GHz to 4 GHz
ES0313-20 MICRONETICS-ES0313-20 Datasheet
159Kb / 2P
High Power Switch 0.5 GHz to 4 GHz
ES0313-50 MICRONETICS-ES0313-50 Datasheet
160Kb / 2P
High Power Switch 0.5 GHz to 4 GHz
logo
Transcom, Inc.
TA005-025-14-19 TRANSCOM-TA005-025-14-19 Datasheet
39Kb / 1P
0.5 - 2.5 GHz 19 dBm Amplifier
logo
TriQuint Semiconductor
TGC4703-FC TRIQUINT-TGC4703-FC_15 Datasheet
340Kb / 11P
19 to 38 GHz Doubler
logo
Analog Devices
HMC1055 AD-HMC1055 Datasheet
289Kb / 10P
0.5 GHz to 4.0 GHz, GaAs, SPST Switch
REV. A
HMC911 AD-HMC911 Datasheet
1Mb / 13P
Broadband Analog Time Delay to 24 GHz
10/2016-Rev. v02.0614 to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com