Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1055 Datasheet (PDF) - Analog Devices

HMC1055 Datasheet PDF - Analog Devices
Part # HMC1055
Download  HMC1055 Download
File Size   289.02 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5 GHz to 4.0 GHz, GaAs, SPST Switch

HMC1055 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC1055 Datasheet PDF - Analog Devices

Part # HMC1055
Download  HMC1055 Click to download

File Size   289.02 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5 GHz to 4.0 GHz, GaAs, SPST Switch

HMC1055 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC1055

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1055 ETC1-HMC1055 Datasheet
406Kb / 12P
3-AXIS COMPASS SENSOR SET
logo
Hittite Microwave Corpo...
HMC1055LP2CE HITTITE-HMC1055LP2CE Datasheet
830Kb / 6P
Automotive Telematics
More results


Similar Description - HMC1055

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-393 MACOM-SW-393 Datasheet
129Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
MASW-007070-000100 MACOM-MASW-007070-000100 Datasheet
266Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MACOM-MASW-007071-000100 Datasheet
268Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASWSS0148 MACOM-MASWSS0148 Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
Skyworks Solutions Inc.
AS156-73 SKYWORKS-AS156-73 Datasheet
116Kb / 4P
GaAs IC SPST Switch Single Positive Control 0.5-2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
SW90-0001 MA-COM-SW90-0001 Datasheet
152Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007070-000100 MA-COM-MASW-007070-000100 Datasheet
154Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
SW-393 MA-COM-SW-393 Datasheet
108Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
Skyworks Solutions Inc.
SKY13347-360LF SKYWORKS-SKY13347-360LF Datasheet
845Kb / 9P
0.5 to 4.0 GHz SPST Switch, 50 Terminated
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com