Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0148 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0148 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0148
Download  MASWSS0148 Download
File Size   130.31 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz

MASWSS0148 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0148 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0148
Download  MASWSS0148 Click to download

File Size   130.31 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz

MASWSS0148 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0148 Product details

Description
M/A-COM’s MASWSS0148 is a GaAs monolithic single pole single throw (SPST) terminated switch in a lead-free 3 mm 12-lead PQFN plastic package. The MASWSS0148 is ideally suited for use where low power consumption, small size and high isolation are required.

Features
• High Isolation: 55 dB @ 2 GHz
• Insertion Loss: 1.6 dB @ 2 GHz
• Terminated RF Input in Isolation State
• Single Positive Control
• CMOS Compatible Logic
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MASWSS0148

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0148 MACOM-MASWSS0148 Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch
logo
Tyco Electronics
MASWSS0148SMB MACOM-MASWSS0148SMB Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0148SMB MA-COM-MASWSS0148SMB Datasheet
624Kb / 5P
GaAs SPST High Isolation Terminated Switch
logo
Tyco Electronics
MASWSS0148TR-3000 MACOM-MASWSS0148TR-3000 Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
More results


Similar Description - MASWSS0148

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-393 MACOM-SW-393 Datasheet
129Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
MASWSS0148 MACOM-MASWSS0148 Datasheet
218Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
SW-393 MA-COM-SW-393 Datasheet
108Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
List of Unclassifed Man...
MASW-010350 ETC1-MASW-010350 Datasheet
200Kb / 7P
SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz
MASW-010351 ETC1-MASW-010351 Datasheet
185Kb / 5P
SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-010351 MA-COM-MASW-010351 Datasheet
179Kb / 4P
SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch
MASWSS0148 MA-COM-MASWSS0148_15 Datasheet
624Kb / 5P
GaAs SPST High Isolation Terminated Switch
logo
Skyworks Solutions Inc.
SKY13347-360LF SKYWORKS-SKY13347-360LF Datasheet
845Kb / 9P
0.5 to 4.0 GHz SPST Switch, 50 Terminated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com