Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5611 Datasheet (PDF) - Analog Devices

ADF5611 Datasheet PDF - Analog Devices
Part # ADF5611
Download  ADF5611 Download
File Size   1827.47 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microwave Wideband Synthesizer with Integrated VCO

ADF5611 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF5611 Datasheet PDF - Analog Devices

Part # ADF5611
Download  ADF5611 Click to download

File Size   1827.47 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microwave Wideband Synthesizer with Integrated VCO

ADF5611 Datasheet (HTML) - Analog Devices


ADF5611 Product details

FEATURES
► RFOUT frequency range: 7300MHz to 14,600MHz
► PDIV_OUT and NDIV_OUT frequency range: 57MHz to
14,600MHz
► Fractional-N synthesizer and integer-N synthesizer modes
► Typical PFD spurious: <−105dBc
► Integrated RMS jitter at 1kHz to 100MHz integration bandwidth:
<40fs
► Normalized inband phase noise floor FOM
► Integer mode: −232dBc/Hz
► Fractional mode: −229dBc/Hz
► Maintains frequency lock over −40°C to +85°C (lock and leave)
► Low phase noise VCO
► −115dBc/Hz typical at 100kHz (7.3GHz)
► −114dBc/Hz typical at 100kHz (10GHz)
► −109dBc/Hz typical at 100kHz (14.6GHz)
► RFOUT power (typical): 6dBm
► Programmable divide by 1, 2, 4, 8, 16, 32, 64, or 128 output
► Programmable output power level
► Typical power dissipation: 1W
► 48-terminal, 7 mm × 7 mm LGA package: 49 mm2




Similar Part No. - ADF5611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5610 AD-ADF5610 Datasheet
896Kb / 48P
Fractional-N PLL with Integrated VCO
ADF5610 AD-ADF5610 Datasheet
1,016Kb / 51P
Microwave Wideband Synthesizer Integrated VCO
2/2019-Revision 0
ADF5610BCCZ AD-ADF5610BCCZ Datasheet
1,016Kb / 51P
Microwave Wideband Synthesizer Integrated VCO
2/2019-Revision 0
ADF5610BCCZ-RL7 AD-ADF5610BCCZ-RL7 Datasheet
1,016Kb / 51P
Microwave Wideband Synthesizer Integrated VCO
2/2019-Revision 0
ADF5610 AD-ADF5610_V01 Datasheet
1,016Kb / 51P
Microwave Wideband Synthesizer Integrated VCO
2/2019-Revision 0
More results


Similar Description - ADF5611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5355 AD-ADF5355 Datasheet
817Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
REV. A
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. C to Rev D
ADF4371 AD-ADF4371 Datasheet
4Mb / 46P
Microwave Wideband Synthesizer Integrated VCO
ADF4372 AD-ADF4372 Datasheet
849Kb / 47P
Microwave Wideband Synthesizer with Integrated VCO
8/2019-Revision 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com