Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1149100 Datasheet (PDF) - PHOENIX CONTACT

1149100 Datasheet PDF - PHOENIX CONTACT
Part # 1149100
Download  1149100 Download
File Size   412.44 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 16 HC/ 4-ST-10,16 - PCB connector

1149100 Datasheet (PDF)

Go To PDF Page Download Datasheet
1149100 Datasheet PDF - PHOENIX CONTACT

Part # 1149100
Download  1149100 Click to download

File Size   412.44 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 16 HC/ 4-ST-10,16 - PCB connector

1149100 Datasheet (HTML) - PHOENIX CONTACT


1149100 Product details

PCB connector, nominal cross section: 16 mm2, color: green, nominal current: 76 A, rated
voltage (III/2): 1000 V, contact surface: Sn, contact connection type: Socket, number of rows: 1,
number of positions: 4, product range: PC 16 HC/..-ST, pitch: 10.16 mm, connection method:
Screw connection with tension sleeve, screw head form: L Slotted, conductor/PCB connection
direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 16 advanced,
locking: without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1149100

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1149100000 WEIDMULLER-1149100000 Datasheet
498Kb / 5P
SL 5.08HC/16/180G 3.2SN BK BX
More results


Similar Description - 1149100

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716848 PHOENIX-1716848 Datasheet
257Kb / 7P
PCB header - PC 16 HC/ 4-G-10,16
Jul 20, 2022
1716866 PHOENIX-1716866 Datasheet
255Kb / 7P
PCB header - PC 16 HC/ 4-GL3-10,16
Jul 20, 2022
1716817 PHOENIX-1716817 Datasheet
253Kb / 6P
PCB connector - LPC 16 HC/ 4-ST-10,16
Jul 20, 2022
1716818 PHOENIX-1716818 Datasheet
253Kb / 6P
PCB connector - LPC 16 HC/ 5-ST-10,16
Jul 20, 2022
1716819 PHOENIX-1716819 Datasheet
252Kb / 6P
PCB connector - LPC 16 HC/ 6-ST-10,16
Jul 20, 2022
1967375 PHOENIX-1967375 Datasheet
1Mb / 20P
PCB connector - PC 16/ 2-ST-10,16
Jul 21, 2022
1967388 PHOENIX-1967388 Datasheet
1Mb / 20P
PCB connector - PC 16/ 3-ST-10,16
Jul 21, 2022
1967391 PHOENIX-1967391 Datasheet
1Mb / 20P
PCB connector - PC 16/ 4-ST-10,16
Sep 8, 2022
1967401 PHOENIX-1967401 Datasheet
1Mb / 20P
PCB connector - PC 16/ 5-ST-10,16
1967430 PHOENIX-1967430 Datasheet
1Mb / 20P
PCB connector - PC 16/ 8-ST-10,16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com