Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7523GS Datasheet (PDF) - Leadtrend Technology

LD7523GS Datasheet PDF - Leadtrend Technology
Part # LD7523GS
Download  LD7523GS Download
File Size   321.16 Kbytes
Page   18 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Smart Green-Mode PWM Controller with Multiple Protections

LD7523GS Datasheet (PDF)

Go To PDF Page Download Datasheet
LD7523GS Datasheet PDF - Leadtrend Technology

Part # LD7523GS
Download  LD7523GS Click to download

File Size   321.16 Kbytes
Page   18 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Smart Green-Mode PWM Controller with Multiple Protections

LD7523GS Datasheet (HTML) - Leadtrend Technology


LD7523GS Product details

General Description
The LD7523 is a low startup current, current mode PWM
controller with green-mode power-saving operation. The
SOP-8/DIP-8 package integrated functions such as the
leading- edge blanking of the current sensing, internal
slope compensation, line compensation, and several
protection features. The protection functions include
cycle-by-cycle current limit, OVP, OLP, and brownout
protection. It provides the users a high efficiency, low
external component counts solution for AC/DC power
applications.
Furthermore, to satisfy various protection requirements,
both latch-mode protection and auto-recoverable
protection can be easily achieved by configuring LD7523
on different operation modes.
The special green-mode control is not only to achieve the
low power consumption but also to offer a
non-audible-noise operation when the LD7523 is
operating under light load or no load condition.

Features
z High-Voltage CMOS Process with Excellent ESD
protection
z Very Low Startup Current (< 35μA)
z Current Mode Control
z Non-audible-noise Green Mode Control
z UVLO (Under Voltage Lockout)
z LEB (Leading-Edge Blanking) on CS Pin
z Internal Slope Compensation
z Programmable Line Compensation
z OVP (Over Voltage Protection)
z OLP (Over Load Protection)
z Brownout Protection
z Built in OLP De-Latch Timer
z 500mA Driving Capability

Applications
z Switching AC/DC Adaptor and Battery Charger
z Open Frame Switching Power Supply
z LCD Monitor/TV Power




Similar Part No. - LD7523GS

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7513A LEADTREND-LD7513A Datasheet
459Kb / 15P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7513AGL LEADTREND-LD7513AGL Datasheet
459Kb / 15P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7515L LEADTREND-LD7515L Datasheet
562Kb / 14P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7515LGL LEADTREND-LD7515LGL Datasheet
562Kb / 14P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7516C LEADTREND-LD7516C Datasheet
699Kb / 14P
Primary Side Quasi-Resonant Controller Operating in CV/CC Mode
More results


Similar Description - LD7523GS

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
Green-Mode PWM Controller with Integrated Protections
GR8874 GRENERGY-GR8874 Datasheet
904Kb / 15P
Green-Mode PWM Controller with Integrated Protections
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
Green-Mode PWM Controller with Integrated Protections
12/11/2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com