Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7523GS Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7523GS
Description  Smart Green-Mode PWM Controller with Multiple Protections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7523GS Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7523GS Datasheet HTML 1Page - Leadtrend Technology LD7523GS Datasheet HTML 2Page - Leadtrend Technology LD7523GS Datasheet HTML 3Page - Leadtrend Technology LD7523GS Datasheet HTML 4Page - Leadtrend Technology LD7523GS Datasheet HTML 5Page - Leadtrend Technology LD7523GS Datasheet HTML 6Page - Leadtrend Technology LD7523GS Datasheet HTML 7Page - Leadtrend Technology LD7523GS Datasheet HTML 8Page - Leadtrend Technology LD7523GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LD7523
6/16/2009
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7523-DS-00
June 2009
Smart Green-Mode PWM Controller with Multiple Protections
REV: 00
General Description
The LD7523 is a low startup current, current mode PWM
controller with green-mode power-saving operation.
The
SOP-8/DIP-8 package integrated functions such as the
leading- edge blanking of the current sensing, internal
slope compensation, line compensation, and several
protection features. The protection functions include
cycle-by-cycle current limit, OVP, OLP, and brownout
protection. It provides the users a high efficiency, low
external component counts solution for AC/DC power
applications.
Furthermore, to satisfy various protection requirements,
both
latch-mode
protection
and
auto-recoverable
protection can be easily achieved by configuring LD7523
on different operation modes.
The special green-mode control is not only to achieve the
low
power
consumption
but
also
to
offer
a
non-audible-noise
operation
when
the
LD7523
is
operating under light load or no load condition.
Features
High-Voltage CMOS Process with Excellent ESD
protection
Very Low Startup Current (< 35
μA)
Current Mode Control
Non-audible-noise Green Mode Control
UVLO (Under Voltage Lockout)
LEB (Leading-Edge Blanking) on CS Pin
Internal Slope Compensation
Programmable Line Compensation
OVP (Over Voltage Protection)
OLP (Over Load Protection)
Brownout Protection
Built in OLP De-Latch Timer
500mA Driving Capability
Applications
Switching AC/DC Adaptor and Battery Charger
Open Frame Switching Power Supply
LCD Monitor/TV Power
Typical Application
EMI
Filter
BNO
OUT
CS
VCC
GND COMP
LD7523
photocoupler
AC
input
TL431
OVP


Similar Part No. - LD7523GS

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7513A LEADTREND-LD7513A Datasheet
459Kb / 15P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7513AGL LEADTREND-LD7513AGL Datasheet
459Kb / 15P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7515L LEADTREND-LD7515L Datasheet
562Kb / 14P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7515LGL LEADTREND-LD7515LGL Datasheet
562Kb / 14P
Primary Side Quasi-Resonant BJT Controller with CV/CC Operation
LD7516C LEADTREND-LD7516C Datasheet
699Kb / 14P
Primary Side Quasi-Resonant Controller Operating in CV/CC Mode
More results

Similar Description - LD7523GS

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
Green-Mode PWM Controller with Integrated Protections
GR8874 GRENERGY-GR8874 Datasheet
904Kb / 15P
Green-Mode PWM Controller with Integrated Protections
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
Green-Mode PWM Controller with Integrated Protections
12/11/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com