Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4014B Datasheet (PDF) - STMicroelectronics

HCF4014B Datasheet PDF - STMicroelectronics
Part # HCF4014B
Download  HCF4014B Download
File Size   301.1 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-STAGE STATIC SHIFT REGISTERS

HCF4014B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4014B Datasheet PDF - STMicroelectronics

Part # HCF4014B
Download  HCF4014B Click to download

File Size   301.1 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-STAGE STATIC SHIFT REGISTERS

HCF4014B Datasheet (HTML) - STMicroelectronics


HCF4014B Product details

DESCRIPTION
The HCC4014B, HCC4021B (extended temperature range) and the HCF4014B, HCF4021B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in-line plastic or ceramic package and plastic micro package.
   
4014B SYNCHRONOUS PARALLEL OR SERIAL INPUT/SERIAL OUTPUT
4021B ASYNCHRONOUS PARALLEL INPUT OR SYNCHRONOUS SERIAL
            INPUT/SERIAL OUTPUT
   
■ MEDIUM-SPEED OPERATION-12MHz (typ.)
    CLOCK RATE AT VDD – VSS = 10V
■ FULLY STATIC OPERATION
■ 8 MASTER-SLAVE FLIP-FLOPS PLUS OUTPUT
    BUFFERING AND CONTROL GATING
■ QUIESCENT CURRENT SPECIFIED TO 20V
    FOR HCC DEVICE
■ 5V, 10V AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF 100nA AT 18V AND 25°C
    FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
    STANDARD N° 13A, ”STANDARD
    SPECIFICATIONS FOR DESCRIPTION OF ”B”
    SERIES CMOS DEVICES”
   




Similar Part No. - HCF4014B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4014B STMICROELECTRONICS-HCF4014B Datasheet
225Kb / 10P
SYNCHRONOUS PARALLEL OR SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
Oct-2002
HCF4014BEY STMICROELECTRONICS-HCF4014BEY Datasheet
225Kb / 10P
SYNCHRONOUS PARALLEL OR SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
Oct-2002
HCF4014BM1 STMICROELECTRONICS-HCF4014BM1 Datasheet
225Kb / 10P
SYNCHRONOUS PARALLEL OR SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
Oct-2002
More results


Similar Description - HCF4014B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4014BMS INTERSIL-CD4014BMS Datasheet
93Kb / 9P
CMOS 8-Stage Static Shift Registers
December 1992
logo
Texas Instruments
CD4021B TI-CD4021B Datasheet
547Kb / 13P
CMOS 8-Stage Static Shift Registers
logo
Micro Electronics
MMC4014 MICRO-ELECTRONICS-MMC4014 Datasheet
148Kb / 4P
S-STAGE STATIC SHIFT REGISTERS
logo
Unisonic Technologies
CD4014B UTC-CD4014B Datasheet
216Kb / 9P
CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4014B UTC-UCD4014B Datasheet
207Kb / 8P
CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4021B UTC-UCD4021B Datasheet
235Kb / 10P
CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4014B UTC-UCD4014B_15 Datasheet
207Kb / 8P
CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4021B UTC-UCD4021B_15 Datasheet
235Kb / 10P
CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4014B TI1-CD4014B_15 Datasheet
1Mb / 28P
CMOS 8-stage Static Shift Registers
logo
Renesas Technology Corp
CD4014BMS RENESAS-CD4014BMS Datasheet
372Kb / 9P
CMOS 8-Stage Static Shift Registers
December 1992
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com