Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4014BM1 Datasheet (PDF) - STMicroelectronics

HCF4014BM1 Datasheet PDF - STMicroelectronics
Part # HCF4014BM1
Download  HCF4014BM1 Download
File Size   225.93 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SYNCHRONOUS PARALLEL OR SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER

HCF4014BM1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4014BM1 Datasheet PDF - STMicroelectronics

Part # HCF4014BM1
Download  HCF4014BM1 Click to download

File Size   225.93 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SYNCHRONOUS PARALLEL OR SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER

HCF4014BM1 Datasheet (HTML) - STMicroelectronics


HCF4014BM1 Product details

DESCRIPTION
The HCC4014B, HCC4021B (extended temperature range) and the HCF4014B, HCF4021B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in-line plastic or ceramic package and plastic micro package.
   
4014B SYNCHRONOUS PARALLEL OR SERIAL INPUT/SERIAL OUTPUT
4021B ASYNCHRONOUS PARALLEL INPUT OR SYNCHRONOUS SERIAL
            INPUT/SERIAL OUTPUT
   
■ MEDIUM-SPEED OPERATION-12MHz (typ.)
    CLOCK RATE AT VDD – VSS = 10V
■ FULLY STATIC OPERATION
■ 8 MASTER-SLAVE FLIP-FLOPS PLUS OUTPUT
    BUFFERING AND CONTROL GATING
■ QUIESCENT CURRENT SPECIFIED TO 20V
    FOR HCC DEVICE
■ 5V, 10V AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF 100nA AT 18V AND 25°C
    FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
    STANDARD N° 13A, ”STANDARD
    SPECIFICATIONS FOR DESCRIPTION OF ”B”
    SERIES CMOS DEVICES”
   




Similar Part No. - HCF4014BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4014BM1 STMICROELECTRONICS-HCF4014BM1 Datasheet
301Kb / 13P
8-STAGE STATIC SHIFT REGISTERS
Nov-1996
More results


Similar Description - HCF4014BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4021B STMICROELECTRONICS-HCF4021B Datasheet
239Kb / 11P
ASYNCHRONOUS PARALLEL IN OR SYNCHRONOUS SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
Sep-2001
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
Serial-In, Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP_07 Datasheet
380Kb / 10P
8-Stage Static Shift Register (asynchronous parallel input or synchronous serial input/serial output)
logo
NXP Semiconductors
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
logo
STMicroelectronics
HCF4021 STMICROELECTRONICS-HCF4021 Datasheet
292Kb / 13P
Asynchronous parallel input or synchronous serial-in/serial-out 8-stage static shift register
September 2013 Rev 3
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
SERIAL-IN PARALLEL-OUT SHIFT REGISTER
Sep-1988
logo
Nexperia B.V. All right...
74LVC595A NEXPERIA-74LVC595A Datasheet
299Kb / 18P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com