Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4014BM1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4014BM1
Description  SYNCHRONOUS PARALLEL OR SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4014BM1 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4014BM1 Datasheet HTML 1Page - STMicroelectronics HCF4014BM1 Datasheet HTML 2Page - STMicroelectronics HCF4014BM1 Datasheet HTML 3Page - STMicroelectronics HCF4014BM1 Datasheet HTML 4Page - STMicroelectronics HCF4014BM1 Datasheet HTML 5Page - STMicroelectronics HCF4014BM1 Datasheet HTML 6Page - STMicroelectronics HCF4014BM1 Datasheet HTML 7Page - STMicroelectronics HCF4014BM1 Datasheet HTML 8Page - STMicroelectronics HCF4014BM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
October 2002
s
MEDIUM SPEED OPERATION :
12 MHz (Typ.) At VDD = 10V
s
FULLY STATIC OPERATION
s
8 MASTER-SLAVE FLIP-FLOPS PLUS
OUTPUT BUFFERING AND CONTROL
GATING
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD =18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4014B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
This device is an 8-stage parallel or serial input/
serial output register having common CLOCK and
PARALLEL/SERIAL CONTROL inputs, a single
SERIAL data input, and individual parallel "JAM"
inputs to each register stage. Each register stage
is a D-type, master-slave flip-flop in addition to an
output from stage 8, "Q" outputs are also available
from stages 6 and 7. Parallel as well as serial
entry is made into the register synchronously with
the positive clock line transition. In this device,
entry is controlled by the PARALLEL/SERIAL
CONTROL input. When the PARALLEL/SERIAL
CONTROL input is low, data is serially shifted into
the 8-stage register synchronously with the
positive transition of he clock line. When the
PARALLEL/SERIAL CONTROL input is high, data
is jammed into the 8-stage register via the parallel
input lines and synchronous with the positive
transition of the clock line.
HCF4014B
SYNCHRONOUS PARALLEL OR SERIAL IN/SERIAL OUT
8 - STAGE STATIC SHIFT REGISTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4014BEY
SOP
HCF4014BM1
HCF4014M013TR
DIP
SOP


Similar Part No. - HCF4014BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4014BM1 STMICROELECTRONICS-HCF4014BM1 Datasheet
301Kb / 13P
8-STAGE STATIC SHIFT REGISTERS
Nov-1996
More results

Similar Description - HCF4014BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4021B STMICROELECTRONICS-HCF4021B Datasheet
239Kb / 11P
ASYNCHRONOUS PARALLEL IN OR SYNCHRONOUS SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
Sep-2001
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
Serial-In, Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP_07 Datasheet
380Kb / 10P
8-Stage Static Shift Register (asynchronous parallel input or synchronous serial input/serial output)
logo
NXP Semiconductors
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
logo
STMicroelectronics
HCF4021 STMICROELECTRONICS-HCF4021 Datasheet
292Kb / 13P
Asynchronous parallel input or synchronous serial-in/serial-out 8-stage static shift register
September 2013 Rev 3
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
22-Jun-2018
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
SERIAL-IN PARALLEL-OUT SHIFT REGISTER
Sep-1988
logo
Nexperia B.V. All right...
74LVC595A NEXPERIA-74LVC595A Datasheet
299Kb / 18P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com