Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5303T Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP5303T Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP5303T
Download  IP5303T Download
File Size   1629.42 Kbytes
Page   41 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W

IP5303T Datasheet (PDF)

Go To PDF Page Download Datasheet
IP5303T Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP5303T
Download  IP5303T Click to download

File Size   1629.42 Kbytes
Page   41 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W

IP5303T Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP5303T Product details

1 Feature
 Supporting Multiple USB Ports
Simultaneously
 2 USB A output ports
 1 USB C input/output port
 1 USB B input port or Lightning input port or
C input/output port
 Fast Charging
 Every port supports fast charging
 Support QC2.0/QC3.0/QC3+ output
 Support FCP input/output
 Support AFC input/output
 Support SCP input/output
 Support VOOC input/output
 Support DRP try.SRC, PD3.0 input/output
 Support BC1.2,Apple
 Integrated USB PD2.0/PD3.0 Protocol
 Support PD2.0 input/output protocol
 Support PD3.0 input/output and PPS output
protocol
 Support 5V/9V/12V/15V/20V input
 Support 5V/9V/12V/15V/20V output
 Support adjustable voltage in 20mV
increments in PPS Mode
 Integrate hardware Bi-phase mark codec
(BMC) protocol
 Integrate Physical Layer protocol
 Integrate hardware CRC
 Support Hard Reset
 Integrates recognition and support of emark
cable
 Power Control
 Integrated bidirectional BUCK-BOOST
NMOS driver
 Integrated charge-pump to control external
NMOS
 Charge
 Adaptive charging current adjustment
 Support 3.65V/4.15V/4.2V/4.3V/4.35V/4.4V
battery
 Support 2/3/4/5 batteries in series
 Support charging Lithium Iron Phosphate
Battery(3.65V)
 Boost
 Maximum output power 100W
 Up to 97%@5V/2A efficiency with
synchronous switching
 Support line compensation
 Battery Level Display
 Integrated 14-bit ADC and coulombmeter
 Support 4 LEDs to indicate battery level
 Support 88/188 nixie tube
 Support choosing nixie tube or LED for
battery level indicator by external pin
 Self-learning coulombmeter, more uniform
power display
 Support configuring initial battery capacity by
external pin
 Other Functions
 Automatic detection of mobile phone
plugging and unplugging
 Fast charging status indication
 Battery temperature detection
 Enter standby mode automatically in light
load
 Support multiple key mode selections
 Integrated lighting driver
 Multiple Protections,High Reliability
 Input overvoltage and undervoltage
protection
 Output overcurrent, overvoltage, short circuit
protection
 Battery overcharge, overdischarge,
overcurrent protection
 Overtemperature protection
 NTC protection for charging and discharging
battery
 ESD 4kV, input (including CC/DP/DM pins)
withstand voltage 30V
 Low BOM Cost
 Integrated switch power MOSFET driver
 Single inductor for charging and discharging
 Package Size:8mm × 8mm 0.4pitch
QFN64

Description
IP5389 is a power management SOC that
integrates QC2.0 / QC3.0 / QC3+ output fast
charging protocol, AFC/FCP/SCP/ VOOC input
and output fast charging protocol, USB C
PD2.0/PD3.0 input and output fast charging
protocol and PPS output protocol, BC1.2/iPhone
protocol, synchronous bi-directional buck-boost
converter, lithium battery charging management
and battery power indicator, providing a complete
power solution for fast charging mobile power
supplies. It can support four USB ports such as
two USB A ports, one USB C port and one USB B
port (lightning port or USB C port)at the same
time and fast charging when any USB port is
connected alone. When two or more output ports
are used at the same time, every port’s output
voltage is 5V.
Due to the high integration of IP5389, only
one inductor is needed to realize the bidirectional
buck-boost function. Only a few peripheral
components are needed in the application, which
effectively reduces the size of the overall solution
and reduces the BOM cost.
IP5389 supports 2/3/4/5 series batteries and
the synchronous switch buck-boost system can
provide a maximum output capacity of 100W.
When there is no load, it automatically enters the
dormant state.
IP5389 synchronous switch charging system
provides up to 8.0A charging current. The built-in
IC temperature, battery temperature and input
voltage control loop intelligently adjust the
charging current.
IP5389 built-in 14-bit ADC can accurately
measure battery voltage and current. Built-in
power calculation method can accurately obtain
battery power information. The battery power
curve can be customized to accurately display the
battery power.
IP5389 supports 4-LED power display,
supports 88, 188 and other nixie tube power
display; supports lighting function; supports keys.

Application Product
 Power bank, power storage device
 Portable devices such as mobile phones and
tablets




Similar Part No. - IP5303T

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5303T INJOINIC-IP5303T Datasheet
1,001Kb / 10P
1.2A Charging 1.0 A Discharge Highly Integrated Mobile Power SOC
IP5303T INJOINIC-IP5303T Datasheet
2Mb / 35P
support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
Version1.1 2020
IP5303T INJOINIC-IP5303T Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
IP5303T INJOINIC-IP5303T Datasheet
1Mb / 32P
integrated buck-boost driver
V1.01
More results


Similar Description - IP5303T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2155 MICROCHIP-MCP2155 Datasheet
608Kb / 52P
ItDA Standard Protocol Stack Controller Supporting DCE Applications
2001
MCP2150 MICROCHIP-MCP2150 Datasheet
687Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
2002
MCP2150 MICROCHIP-MCP2150_13 Datasheet
987Kb / 52P
IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
11/29/12
MCP2155-I MICROCHIP-MCP2155-I Datasheet
512Kb / 52P
IrDA Standard Protocol Stack Controller Supporting DCE Applicaations
10/01/01
logo
ON Semiconductor
NCP81105 ONSEMI-NCP81105 Datasheet
385Kb / 36P
DrMOS Supporting 1/2/3 Phase Power Controller
October, 2013 ??Rev. 2
logo
Abracon Corporation
ABBTM-NVC-MDCS71-MESH ABRACON-ABBTM-NVC-MDCS71-MESH Datasheet
9Mb / 9P
Low Power Bluetooth Module (supporting CSRmesh)
06.29.15
logo
Injoinic Technology Co....
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
logo
Shenzhen Tianyuan Semic...
TP1001 TPOWER-TP1001 Datasheet
518Kb / 6P
Interface control chip supporting QC2.0 fast charging protocol
logo
Injoinic Technology Co....
IP5389 INJOINIC-IP5389 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
IP5568 INJOINIC-IP5568 Datasheet
2Mb / 42P
Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
V1.31 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com