Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35126375 Datasheet (PDF) - Aptiv

35126375 Datasheet PDF - Aptiv
Part # 35126375
Download  35126375 Download
File Size   472.51 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description CTS 1.2 SensoMate™ SERIES

35126375 Datasheet (PDF)

Go To PDF Page Download Datasheet
35126375 Datasheet PDF - Aptiv

Part # 35126375
Download  35126375 Click to download

File Size   472.51 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description CTS 1.2 SensoMate™ SERIES

35126375 Datasheet (HTML) - Aptiv


35126375 Product details

BENEFITS
• VDA/USCAR 1.2 mm at 4 mm pitch interface
compatible (universal)
• Industry standard 1.2 terminal cavity capability
• Short shroud design for small packaging
footprint and long shroud design for easy
mating device
FEATURES
• One piece molded housing to ensure best in
class sealing performance (short shroud version)
• Increased sealing performance through a unique
3 rib robust seal design (175°C version)
• Patented Smart Locking System version
of the CPA to improve assembly cycle time
(short shroud version)
• Compatible with wire dress back shells
(short shroud version)




Similar Part No. - 35126375

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
35126 VISHAY-35126 Datasheet
89Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
More results


Similar Description - 35126375

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212 CTS-212 Datasheet
346Kb / 2P
CTS 212 Rotary Switch
212 CTS-212_07 Datasheet
1Mb / 3P
CTS 212 Rotary Switches
227 CTS-227 Datasheet
490Kb / 3P
CTS 227 Rotary Switches
logo
FCI connector
DEM09S FCI-CONNECTOR-DEM09S Datasheet
97Kb / 1P
SOCKET CONNECTORS D SUMBINIATURE WITH SOLDER CTS
logo
CTS Corporation
450G CTS-450G Datasheet
193Kb / 2P
CTS Guitar Series 24mm Potentiometer
logo
Schneider Electric
WISERCTPV SCHNEIDER-WISERCTPV Datasheet
98Kb / 1P
WISER ENERGY SOLAR CTS
logo
Littelfuse
CT200 LITTELFUSE-CT200 Datasheet
731Kb / 3P
Current Transformers (CTs)
Rev: 4-B-061214
logo
Diodes Incorporated
PI3VDP12412 DIODES-PI3VDP12412 Datasheet
926Kb / 12P
4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
logo
PHOENIX CONTACT
1295744 PHOENIX-1295744 Datasheet
223Kb / 4P
Repair kit - EV-T1CCS-M4X20-CTS
Nov 16, 2022
logo
Alpha & Omega Semicondu...
AOZ1280 AOSMD-AOZ1280 Datasheet
1Mb / 13P
EZBuck™ 1.2 A Simple Buck Regulator
Rev. 1.1 August 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com