Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35730037 Datasheet (PDF) - Aptiv

35730037 Datasheet PDF - Aptiv
Part # 35730037
Download  35730037 Download
File Size   917.56 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description ErgoMate™ 38 WAY CONNECTOR

35730037 Datasheet (PDF)

Go To PDF Page Download Datasheet
35730037 Datasheet PDF - Aptiv

Part # 35730037
Download  35730037 Click to download

File Size   917.56 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description ErgoMate™ 38 WAY CONNECTOR

35730037 Datasheet (HTML) - Aptiv


35730037 Product details

BENEFITS
• Ergonomic mating
• Robust and durable design
• Compact packaging size
• High application versatility
FEATURES
• Large grasping surface
• High tactile feedback
• Simplified engagement system reduces the
possibility of mis-mating of connection system
• Unique geared cam and slider system is fully selfcontained,
provides a 3:1 mechanical advantage
• A lower-profile ergonomically friendly alternative
to traditional lever assist
• Low connector mating force at ~65N
• Retractable Male Blade Stabilize
• Wide cable guage compatibility from 0.35 mm2 to
4.0 mm2




Similar Part No. - 35730037

ManufacturerPart #DatasheetDescription
logo
MENDA
35730 MENDA-35730 Datasheet
1Mb / 1P
durAstatic® Dissipative Bottles with GHS Label
December2023
logo
Molex Electronics Ltd.
35730-2900 MOLEX5-35730-2900 Datasheet
75Kb / 2P
3.56mm (.140") Diameter Pin Receptacle Terminal, Brass, 0.35mm (.138") Thickness, Wire Range 14-20 AWG (2.00-0.52mm짼), Unplated
35730-3000 MOLEX5-35730-3000 Datasheet
86Kb / 2P
3.96mm (.156") Diameter Pin Terminal, Brass, 0.50mm (.020") Thickness, Wire Range 14-20 AWG (2.00-0.52mm짼), Unplated
35730-3010 MOLEX5-35730-3010 Datasheet
85Kb / 2P
3.96mm (.156") Diameter Pin Terminal, Brass, 0.50mm (.020") Thickness, Wire Range 14-20 AWG (2.00-0.52mm짼), Post-Tin Plated
35730-3030 MOLEX5-35730-3030 Datasheet
86Kb / 2P
3.96mm (.156") Diameter Pin Terminal, Brass, 0.50mm (.020") Thickness, Wire Range 14-20 AWG (2.00-0.52mm짼), Au Plated
More results


Similar Description - 35730037

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SA210 BOT-SA210 Datasheet
42Kb / 2P
5mm LED Assembly Single Way to 4 Way
logo
Molex Electronics Ltd.
91553-0001 MOLEX-91553-0001 Datasheet
222Kb / 2P
Way PCMCIA
logo
Yamaichi Electronics Co...
CN036S-02-100 YAMAICHI-CN036S-02-100 Datasheet
59Kb / 1P
2-Way Miniature Connector (SMT Socket)
logo
Molex Electronics Ltd.
0190430010 MOLEX4-0190430010 Datasheet
88Kb / 2P
Three Way Connector, Dual Male
0313811000 MOLEX4-0313811000 Datasheet
404Kb / 3P
38 Circuit ABS Way Receptacle, 2.8 Power Only
31381-1000 MOLEX11-31381-1000 Datasheet
38Kb / 1P
38 Circuit ABS Way Receptacle, 2.8 Power Only
logo
Innovative Power Produc...
IPP-1013 IPP-IPP-1013 Datasheet
65Kb / 1P
OUTLINE 4 WAY
logo
Molex Electronics Ltd.
SD-64319-001 MOLEX-SD-64319-001 Datasheet
1Mb / 2P
CMC CONNECTOR 32 WAY MAT SEAL VERSION
Rev. J2
SD-64320-001 MOLEX-SD-64320-001 Datasheet
2Mb / 2P
CMC CONNECTOR 48 WAY MAT SEAL VERSION
Rev. H2
logo
Keystone Electronics Co...
8363 KEYSTONE-8363 Datasheet
109Kb / 1P
TWO WAY SERIES WIRE CONNECTOR
1.06.17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com