Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35355142 Datasheet (PDF) - Aptiv

35355142 Datasheet PDF - Aptiv
Part # 35355142
Download  35355142 Download
File Size   453.37 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description NanoPack™ CTS SEALED SERIES

35355142 Datasheet (PDF)

Go To PDF Page Download Datasheet
35355142 Datasheet PDF - Aptiv

Part # 35355142
Download  35355142 Click to download

File Size   453.37 Kbytes
Page   2 Pages
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv
Description NanoPack™ CTS SEALED SERIES

35355142 Datasheet (HTML) - Aptiv


35355142 Product details

BENEFITS
• Connector Position Assurance (CPA) is optional
for 8W version. Optimized space saving version
without CPA, bottom or top locking latch possible
• Housings & terminals are designed as per
VDA guidelines
FEATURES
• Designed for high temperatures and vibration
profiles
• Aptiv is responsible for the sealed 0.5 footprint
at VDA
• Ergonomic handling and touching surface as per
manual mating guideline (USCAR)




Similar Part No. - 35355142

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3535 ASM-SENSOR-3535 Datasheet
1Mb / 8P
LCR HiTESTER
logo
Pomona Electronics
3535 POMONA-3535 Datasheet
19Kb / 1P
Adapter BNC (Male) To ?쏯??(Female)
logo
3M Electronics
3535 3M-3535 Datasheet
24Kb / 6P
3M Scotch-WeldTM Urethane Adhesives
Jan-2010
logo
Applied Motion Products...
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
73Kb / 4P
Si-100 Motor Control
More results


Similar Description - 35355142

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212 CTS-212 Datasheet
346Kb / 2P
CTS 212 Rotary Switch
212 CTS-212_07 Datasheet
1Mb / 3P
CTS 212 Rotary Switches
227 CTS-227 Datasheet
490Kb / 3P
CTS 227 Rotary Switches
logo
FCI connector
DEM09S FCI-CONNECTOR-DEM09S Datasheet
97Kb / 1P
SOCKET CONNECTORS D SUMBINIATURE WITH SOLDER CTS
logo
CTS Corporation
450G CTS-450G Datasheet
193Kb / 2P
CTS Guitar Series 24mm Potentiometer
logo
Schneider Electric
WISERCTPV SCHNEIDER-WISERCTPV Datasheet
98Kb / 1P
WISER ENERGY SOLAR CTS
logo
PHOENIX CONTACT
1295670 PHOENIX-1295670 Datasheet
255Kb / 4P
Repair kit - EV-T2CCS-M4X20-BIT-CTS
logo
Littelfuse
CT200 LITTELFUSE-CT200 Datasheet
731Kb / 3P
Current Transformers (CTs)
Rev: 4-B-061214
logo
PHOENIX CONTACT
1281251 PHOENIX-1281251 Datasheet
227Kb / 5P
Repair kit - EV-T1CCS-MF-M4X10-CTS
Nov 16, 2022
1295744 PHOENIX-1295744 Datasheet
223Kb / 4P
Repair kit - EV-T1CCS-M4X20-CTS
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com