Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW4011B Datasheet (PDF) - Estek Electronics Co. Ltd

IW4011B Datasheet PDF - Estek Electronics Co. Ltd
Part # IW4011B
Download  IW4011B Download
File Size   98.02 Kbytes
Page   4 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description NAND gates provide the system designer with direct implementation of the NAND function

IW4011B Datasheet (PDF)

Go To PDF Page Download Datasheet
IW4011B Datasheet PDF - Estek Electronics Co. Ltd

Part # IW4011B
Download  IW4011B Click to download

File Size   98.02 Kbytes
Page   4 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description NAND gates provide the system designer with direct implementation of the NAND function

IW4011B Datasheet (HTML) - Estek Electronics Co. Ltd


IW4011B Product details

Description
The IW4011B NAND gates provide the system designer with direct implementation of the NAND function.

Features
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 at 18 V over full package-temperature range 100 nA at 18 V and 25°C
• Noise margin (over full package temperature range):
   1.0 V min @ 5.0 V supply
   2.0 V min @ 10.0 V supply
   2.5 V min @ 15.0 V supply




Similar Part No. - IW4011B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4011B ETC-IW4011B Datasheet
110Kb / 4P
Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4011B IKSEMICON-IW4011B Datasheet
156Kb / 5P
Noise margin
logo
List of Unclassifed Man...
IW4011BD ETC-IW4011BD Datasheet
110Kb / 4P
Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
IW4011BN ETC-IW4011BN Datasheet
110Kb / 4P
Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
More results


Similar Description - IW4011B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4011B STMICROELECTRONICS-HCC4011B Datasheet
287Kb / 12P
NAND GATES
Jun-1989
logo
Texas Instruments
CD4011B TI-CD4011B Datasheet
525Kb / 13P
CMOS NAND GATES
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
CMOS NAND Gates
November 1994
logo
Microsemi Corporation
TSC321 MICROSEMI-TSC321 Datasheet
1Mb / 3P
NAND Gates
TSC325 MICROSEMI-TSC325 Datasheet
853Kb / 3P
NAND Gates
logo
Micro Electronics
MMC4011 MICRO-ELECTRONICS-MMC4011 Datasheet
106Kb / 4P
NAND GATES
logo
List of Unclassifed Man...
TC303 ETC-TC303 Datasheet
486Kb / 4P
POWER NAND GATES
AP9926EO ETC1-AP9926EO Datasheet
82Kb / 6P
Power MOSFETs from APEC provide the designer with the best combination of fast switching
logo
Texas Instruments
CD4012A TI-CD4012A Datasheet
200Kb / 4P
CMOS NAND Gates
logo
Tiger Electronic Co.,Lt...
CD4011 TGS-CD4011 Datasheet
2Mb / 4P
The CD4011 NAND gates provide the system designer with direct implementation of the NAND function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com