Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2540ARTET Datasheet (PDF) - Texas Instruments

TPS2540ARTET Datasheet PDF - Texas Instruments
Part # TPS2540ARTET
Download  TPS2540ARTET Download
File Size   1480.09 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USB Charging Port Power Switch and Controller

TPS2540ARTET Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2540ARTET Datasheet PDF - Texas Instruments

Part # TPS2540ARTET
Download  TPS2540ARTET Click to download

File Size   1480.09 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USB Charging Port Power Switch and Controller

TPS2540ARTET Datasheet (HTML) - Texas Instruments


TPS2540ARTET Product details

1FEATURES
2• Meets Battery Charging Specification BC1.2
for DCP and CDP
• Meets Chinese Telecommunications Industry
Standard YD/T 1591-2009
• Supports Sleep-Mode Charging for Most
Available Apple® Devices and/or BC1.2
Compliant Devices
• Compatible With USB 2.0 and 3.0 Power
Switch Requirements
• 2.6-GHz Bandwidth USB 2.0 Data Switch
• 73-mΩ (typ.) High-Side MOSFET
• Adjustable Current Limit up to 2.8 A (typical)
• OUT Discharge Through CTLx=000
(TPS2540/40A) or DSC (TPS2541/41A) Input
• Longer Detach Detection Time (TPS2540A/41A)
Supporting Additional Legacy Devices
• Available in 16-Pin QFN Package

APPLICATIONS
• USB Ports/Hubs
• Notebook PCs
• Universal Wall Charging Adapter

DESCRIPTION
The TPS2540/40A and TPS2541/41A are a
combination of current-limited USB port power switch
with a USB 2.0 high-speed data line (D+/D-) switch
and a USB charging port identification circuit.
Applications include notebook PCs and other
intelligent USB host devices. The wide bandwidth (2.6
GHz) data-line switch also features low capacitance
and low on resistance, allowing signals to pass with
minimum edge and phase distortion. The
TPS2540/40A/41/41A monitors D+ and D-, providing
the correct hand-shaking protocol with compliant
client devices.
The TPS2540/40A/41/41A supports the following
charging logic schemes:
• USB 2.0 BC1.2
• Chinese Telecom Standard YD/T 1591-2009
• Divider Mode, compliant with Apple devices such
as iPod® and iPhone®
CTL1-CTL3 logic inputs are used to select one of the
various charge modes provided by the TPS2540/40A
and TPS2541/41A. These charge modes allow the
host device to actively select between Dedicated
Charging Port (DCP) (wall-adapter emulation),
Charging Downstream Port (CDP) (active USB 2.0
data communications with 1.5-A support), or
Standard Downstream Port (SDP) USB 2.0 Mode
(active USB 2.0 data communications with 500-mA
support). The TPS2540/40A/41/41A also integrates
an auto-detect feature that supports both DCP
schemes for Battery Charging Specification (BC1.2)
and the Divider Mode without the need for outside
user interaction.




Similar Part No. - TPS2540ARTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2540ARTET TI-TPS2540ARTET Datasheet
1Mb / 40P
USB Charging Port Power Switch and Controller
More results


Similar Description - TPS2540ARTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
USB Charging Port Power Switch and Controller
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
USB Charging Port Controller and Power Switch
TPS2541ARTER TI-TPS2541ARTER Datasheet
1Mb / 40P
USB Charging Port Power Switch and Controller
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
USB Charging Port Power Switch and Controller
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
USB Charging Port Power Switch and Controller
February 8, 2022
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
USB Charging Port Power Switch and Controller
8-Feb-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com