Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL40505A Datasheet (PDF) - Analog Devices

ADPL40505A Datasheet PDF - Analog Devices
Part # ADPL40505A
Download  ADPL40505A Download
File Size   549.23 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.5V, 500mA LDO Linear Regulator with Low-Power Mode

ADPL40505A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL40505A Datasheet PDF - Analog Devices

Part # ADPL40505A
Download  ADPL40505A Click to download

File Size   549.23 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.5V, 500mA LDO Linear Regulator with Low-Power Mode

ADPL40505A Datasheet (HTML) - Analog Devices


ADPL40505A Product details

Features
•1.7V to 5.5V Input Supply Range
•0.8V to 5.0V Output Voltage Range
•500mA Maximum Output Current
•120mV Maximum Dropout at 500mA Load (3.6VIN)
•20μA No-Load Supply Current in Low-Power Mode
•350μA Supply Current in Normal Mode
•<1μA Shutdown Supply Current
•45μVRMS Output Noise, 10Hz to 100kHz
•60dB PSRR at 10kHz, 250mA Load Current, and 300mV Input and Output Voltage Separation
•±2% DC Accuracy Over Load, Line, and Temperature Variations
•Active Discharge of 800Ω at OUT
•Stable with 2μF (Minimum Effective) Output Capacitance
•Programmable Soft-Start Rate
•Overcurrent and Overtemperature Protection
•Reverse-Current Protection
•Power-OK Output
•2mm x 2mm, 8-Pin TDFN Package
•-40°C to +125°C Operating Temperature




Similar Part No. - ADPL40505A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL40502 AD-ADPL40502 Datasheet
633Kb / 17P
Low Noise, 200mA, CMOS Linear Regulator
Rev. 0
ADPL40502ACPZ-1.2-R7 AD-ADPL40502ACPZ-1.2-R7 Datasheet
633Kb / 17P
Low Noise, 200mA, CMOS Linear Regulator
Rev. 0
ADPL40502ACPZ-1.8-R7 AD-ADPL40502ACPZ-1.8-R7 Datasheet
633Kb / 17P
Low Noise, 200mA, CMOS Linear Regulator
Rev. 0
ADPL40502ACPZ-2.5-R7 AD-ADPL40502ACPZ-2.5-R7 Datasheet
633Kb / 17P
Low Noise, 200mA, CMOS Linear Regulator
Rev. 0
ADPL40502ACPZ-3.0-R7 AD-ADPL40502ACPZ-3.0-R7 Datasheet
633Kb / 17P
Low Noise, 200mA, CMOS Linear Regulator
Rev. 0
More results


Similar Description - ADPL40505A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
500mA LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
500mA CMOS LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
500mA Super LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902D MAXIM-MAX38902D Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
logo
Monolithic Power System...
EV2005DD-01B MPS-EV2005DD-01B Datasheet
443Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
EV8904DD-00A MPS-EV8904DD-00A Datasheet
226Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com