Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL40502 Datasheet (PDF) - Analog Devices

ADPL40502 Datasheet PDF - Analog Devices
Part # ADPL40502
Download  ADPL40502 Download
File Size   633.95 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, 200mA, CMOS Linear Regulator

ADPL40502 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL40502 Datasheet PDF - Analog Devices

Part # ADPL40502
Download  ADPL40502 Click to download

File Size   633.95 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, 200mA, CMOS Linear Regulator

ADPL40502 Datasheet (HTML) - Analog Devices


ADPL40502 Product details

FEATURES
 Low Noise: 20μVRMS
 No Noise Bypass Capacitor Required
 Stable with 1μF Ceramic Input and Output
Capacitors
 Maximum Output Current: 200mA
 Input Voltage Range: 2.2V to 5.5V
 Low Quiescent Current
 IGND = 20μA with IOUT = 0μA
 IGND = 290μA with IOUT = 200mA
 Low Shutdown Current: <1μA
 Low Dropout Voltage: 150mV at IOUT = 200mA
 Initial Accuracy: ±1%
 Accuracy Over Line, Load, and Temperature: ±2.5%
 7 Fixed Output Voltage Options: 1.2V, 1.5V, 1.8V,
2.5V, 2.8V, 3.0V, and 3.3V
 PSRR Performance of 70dB at 10kHz
 Current-Limit and Thermal Overload Protection
 Logic Controlled Enable
 Internal Pull-Down Resistor on EN Input
 5-Lead, Thin Small Outline Transistor Package
 6-Lead, Lead Frame Chip Scale Package

APPLICATIONS
 RF, Voltage-Controlled Oscillator (VCO), and Phase
Locked Loop (PLL) Power Supplies
 Mobile Phones
 Digital Camera and Audio Devices
 Portable and Battery-Powered Equipment
 Post DC-to-DC Regulation
 Portable Medical Devices

GENERAL DESCRIPTION
The ADPL40502 is a low noise, low dropout (LDO) linear
regulator that operates from 2.2V to 5.5V and provides
up to 200mA of output current. The low 150mV dropout
voltage at 200mA load improves efficiency and allows
operation over a wide input voltage range.
Using an innovative circuit topology, the ADPL40502
achieves low noise performance without the necessity
of a bypass capacitor, making the device ideal for noise
sensitive analog and RF applications. The ADPL40502
also achieves low noise performance without
compromising the power supply rejection ratio (PSRR)
or transient line and load performance. The low 290μA
of operating supply current at 200mA load makes the
ADPL40502 suitable for battery-operated portable
equipment.
The ADPL40502 includes an internal pull-down resistor
on the EN input.
The ADPL40502 is specifically designed for stable
operation with tiny 1μF, ±30% ceramic input and output
capacitors to meet the requirements of high
performance, space constrained applications.
The ADPL40502 is capable of 7 fixed output voltage
options, ranging from 1.2V to 3.3V.
Short-circuit and thermal overload protection circuits
prevent damage in adverse conditions. The ADPL40502
is available in tiny 5-Lead, TSOT and 6-Lead, 2mm x
2mm LFCSP for the smallest footprint solution to meet
a variety of portable power application requirements.




Similar Part No. - ADPL40502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL40505A AD-ADPL40505A Datasheet
549Kb / 17P
5.5V, 500mA LDO Linear Regulator with Low-Power Mode
Rev 0; 10/25
ADPL40505AATA+ AD-ADPL40505AATA+ Datasheet
549Kb / 17P
5.5V, 500mA LDO Linear Regulator with Low-Power Mode
Rev 0; 10/25
ADPL40505AATA+T AD-ADPL40505AATA+T Datasheet
549Kb / 17P
5.5V, 500mA LDO Linear Regulator with Low-Power Mode
Rev 0; 10/25
More results


Similar Description - ADPL40502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
SHANGHAI BELLING CO., L...
BL8060 BELLING-BL8060 Datasheet
660Kb / 10P
200mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE507C ACE-ACE507C Datasheet
635Kb / 9P
200mA Low Consumption Linear Regulator
VER 1.2
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20249 MPS-MP20249 Datasheet
352Kb / 12P
Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8064 BELLING-BL8064_14 Datasheet
1Mb / 9P
200mA Low Consumption Linear Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com