Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3779 Datasheet (PDF) - Texas Instruments

TPS3779 Datasheet PDF - Texas Instruments
Part # TPS3779
Download  TPS3779 Download
File Size   1530.85 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS37xx Dual-Channel, Low-Power, High-Accuracy Voltage Detectors

TPS3779 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3779 Datasheet PDF - Texas Instruments

Part # TPS3779
Download  TPS3779 Click to download

File Size   1530.85 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS37xx Dual-Channel, Low-Power, High-Accuracy Voltage Detectors

TPS3779 Datasheet (HTML) - Texas Instruments


TPS3779 Product details

1 Features
1• Two-Channel Detectors in Small Packages
• High-Accuracy Threshold and Hysteresis: 1.0%
• Low Quiescent Current: 2 μA (typ)
• Adjustable Detection Voltage Down to 1.2 V
• Multiple Hysteresis Options:
– 0.5%, 1%, 5%, and 10%
• Temperature Range: –40°C to 125°C
• Push-Pull (TPS3779) and Open-Drain (TPS3780)
Output Options
• Available in μSON and SOT23 Packages

2 Applications
• DSP, Microcontroller, and Microprocessor
Applications
• Portable Medical Devices
• Building Automation
• Set-Top Boxes
• Solid-State Drives
• Notebook and Desktop Computers
• Portable and Battery-Powered Products
• Power-Supply Sequencing Applications

3 Description
The TPS3779 and TPS3780 are a family of high-
accuracy, two-channel voltage detectors with low- power and small solution size. The SENSE1 and
SENSE2 inputs include hysteresis to reject brief
glitches, ensuring stable output operation without
false triggering. This family offers different factory-set hysteresis options of 0.5%, 1%, 5%, or 10%.
The TPS3779 and TPS3780 have adjustable SENSE inputs that can be configured by an external resistor
divider. When the voltage at the SENSE1 or SENSE2
input goes below the falling threshold, OUT1 or OUT2
is driven low, respectively. When SENSE1 or
SENSE2 rises above the rising threshold, OUT1 or
OUT2 goes high, respectively.
The devices have a very low quiescent current of
2 μA (typical) and provide a precise, space-conscious
solution for voltage detection suitable for low-power
system-monitoring and portable applications. The
TPS3779 and TPS3780 operate from 1.5 V to 6.5 V,
over the –40°C to 125°C temperature range.




Similar Part No. - TPS3779

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3779 TI-TPS3779 Datasheet
859Kb / 17P
Low-Power, Dual-Voltage Detector in Small SON Package
TPS3779 TI1-TPS3779 Datasheet
1Mb / 28P
Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3779 TI2-TPS3779 Datasheet
655Kb / 25P
TPS37xx-Q1 Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
REVISED SEPTEMBER 2016
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3779-Q1 TI2-TPS3779-Q1 Datasheet
655Kb / 25P
TPS37xx-Q1 Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
REVISED SEPTEMBER 2016
More results


Similar Description - TPS3779

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
Dual Micro-Power Voltage Detectors
logo
Maxim Integrated Produc...
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
Ultra Low Voltage Detectors
logo
Texas Instruments
TPS3779 TI1-TPS3779_15 Datasheet
1Mb / 28P
Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com