Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3779 Datasheet (PDF) - Texas Instruments

TPS3779 Datasheet PDF - Texas Instruments
Part # TPS3779
Download  TPS3779 Download
File Size   655.05 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS37xx-Q1 Dual-Channel, Low-Power, High-Accuracy Voltage Detectors

TPS3779 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3779 Datasheet PDF - Texas Instruments

Part # TPS3779
Download  TPS3779 Click to download

File Size   655.05 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS37xx-Q1 Dual-Channel, Low-Power, High-Accuracy Voltage Detectors

TPS3779 Datasheet (HTML) - Texas Instruments


TPS3779 Product details

1 Features
• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C4B
• Two-Channel Detectors in Small Packages
• High-Accuracy Threshold and Hysteresis: 1.0%
• Low Quiescent Current: 2 μA (typ)
• Adjustable Detection Voltage Down to 1.2 V
• 5% and 10% Hysteresis Options
• Temperature Range: –40°C to +125°C
• Push-Pull (TPS3779-Q1) and Open-Drain
(TPS3780-Q1) Output Options
• Available in an SOT-23 Package

2 Applications
• DSPs, Microcontrollers, and Microprocessors
• Advanced Driver Assistance Systems (ADAS)
• Infotainment and Clusters
• Power-Supply Sequencing Applications

3 Description
The TPS3779-Q1 and TPS3780-Q1 are a family of
high-accuracy, two-channel voltage detectors
featuring low power and small solution size. The
SENSE1 and SENSE2 inputs include hysteresis to
reject brief glitches, thus ensuring stable output
operation without false triggering. This device family
offers different factory-set hysteresis options of 5% or
10%.
The TPS3779-Q1 and TPS3780-Q1 have adjustable
SENSEx inputs that can be configured by an external
resistor divider. When the voltage at the SENSE1 or
SENSE2 input goes below the falling threshold,
OUT1 or OUT2 is driven low, respectively. When
SENSE1 or SENSE2 rises above the rising threshold,
OUT1 or OUT2 goes high, respectively.
The devices have a very low quiescent current of
2 μA (typical) and provide a precise, space-conscious
solution for voltage detection suitable for low-power,
system-monitoring, and portable applications. The
TPS3779-Q1 and TPS3780-Q1 operate from 1.5 V to
5.5 V, over the –40°C to +125°C temperature range.




Similar Part No. - TPS3779

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3779 TI-TPS3779 Datasheet
859Kb / 17P
Low-Power, Dual-Voltage Detector in Small SON Package
TPS3779 TI1-TPS3779 Datasheet
1Mb / 28P
Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3779 TI2-TPS3779 Datasheet
1Mb / 33P
TPS37xx Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
APRIL 2015
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3779-Q1 TI2-TPS3779-Q1 Datasheet
1Mb / 33P
TPS37xx Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
APRIL 2015
More results


Similar Description - TPS3779

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
Dual Micro-Power Voltage Detectors
logo
Maxim Integrated Produc...
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
Ultra Low Voltage Detectors
logo
Texas Instruments
TPS3779 TI1-TPS3779_15 Datasheet
1Mb / 28P
Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com