Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1185LM18 Datasheet (PDF) - Globaltech Semiconductor Co.,Ltd

GS1185LM18 Datasheet PDF - Globaltech Semiconductor Co.,Ltd
Part # GS1185LM18
Download  GS1185LM18 Download
File Size   975.15 Kbytes
Page   14 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description 3A Low Dropout Voltage Regulator

GS1185LM18 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1185LM18 Datasheet PDF - Globaltech Semiconductor Co.,Ltd

Part # GS1185LM18
Download  GS1185LM18 Click to download

File Size   975.15 Kbytes
Page   14 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description 3A Low Dropout Voltage Regulator

GS1185LM18 Datasheet (HTML) - Globaltech Semiconductor Co.,Ltd


GS1185LM18 Product details

Product Description Features
 Three Terminal Adjustable or Fixed Output
Voltages 1.5V, 1.8V, 2.5V, 3.3V and 5V
 Guaranteed Output Current up to 3A
 Typical Dropout 1.3V (at 3A)
 Output Tolerance: ±2% at 25 ºC
 Wind Operating Temperature Range:-40ºC
 to 125 ºC
 Ultra low current consumption(0.35mA typ.)
 Ultra low Adjustment Current(6uA typ.)
 Package Available: TO-220, TO-263,
TO-252, and SOT-223
 Suitable for use with MLCC capacitors
 RoHS Compliant,100%Pb & Halogen Free
Applications
The GS1185L is a low drop voltage regulator able
to provide up to 3A output current. The dropout
voltage of the device is guaranteed at a maximum
1.3V at the maximum output current, decreasing at
lower loads.
The GS1185L is pin compatible with older
3-terminal adjustable regulators, but has better
performances in term of drop and output tolerance.
 Post Regulators for Switching Supply
 Battery-Powered Circuitry
 Low Voltage Logic Supplies
 High efficiency linear regulators
 Adjustable power supply




Similar Part No. - GS1185LM18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1117 VISHAY-GS1117 Datasheet
81Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Globaltech Semiconducto...
GS1117A GLOBALTECH-GS1117A Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
GS1117AD GLOBALTECH-GS1117AD Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
GS1117AD12F GLOBALTECH-GS1117AD12F Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
GS1117AD15F GLOBALTECH-GS1117AD15F Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
More results


Similar Description - GS1185LM18

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
3A Low dropout voltage regulator
logo
Exar Corporation
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
3A Low Dropout Voltage Regulator
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
3A Low Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com