Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

717 Datasheet (PDF) - Diodes Incorporated

717 Datasheet PDF - Diodes Incorporated
Part # 717
Download  717 Download
File Size   351.87 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V PNP POWER SWITCHING TRANSISTOR IN SOT323

717 Datasheet (PDF)

Go To PDF Page Download Datasheet
717 Datasheet PDF - Diodes Incorporated

Part # 717
Download  717 Click to download

File Size   351.87 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V PNP POWER SWITCHING TRANSISTOR IN SOT323

717 Datasheet (HTML) - Diodes Incorporated


717 Product details

Features
• BVCEO > -12V
• IC = -1.25A Continuous Collector Current
• ICM = -3A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < -215mV @ IC = -1A
• RCE(SAT) = 150mΩ for a Low Equivalent On-Resistance
• 500mW Power Dissipation
• Excellent hFE Characteristics up to -3A
• Complementary NPN Type: ZUMT617
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Negative boost functions in DC-DC converters
• Supply line switching in mobile phones and pagers
• Motor drivers in camcorders and mini disk players




Similar Part No. - 717

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
717 JMK-717 Datasheet
43Kb / 1P
The 717 & 719 series filters provide superior wideband filtering for Wye or Delta power configurations.
logo
WECO ELECTRICAL CONNECT...
717 WECO-717 Datasheet
127Kb / 1P
Motor terminal boards similar to DIN 46294
12.19
logo
Keystone Electronics Co...
717 KEYSTONE-717 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
logo
Qualtek Electronics Cor...
717-00-28 QUALTEK-717-00-28 Datasheet
383Kb / 1P
AC RECEPTACLE
717-00-63 QUALTEK-717-00-63 Datasheet
366Kb / 1P
AC RECEPTACLE
More results


Similar Description - 717

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZUMT717 DIODES-ZUMT717 Datasheet
152Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT718 DIODES-ZUMT718 Datasheet
62Kb / 3P
Super323 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
JUNE 2000
ZUMT720 DIODES-ZUMT720 Datasheet
144Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT2907A DIODES-ZUMT2907A Datasheet
29Kb / 2P
SOT323 PNP SILICON PLANAR SWITCHING TRANSISTOR
OCTOBER 1998
BC856AW DIODES-BC856AW_15 Datasheet
209Kb / 5P
PNP SMALL SIGNAL TRANSISTOR IN SOT323
Rev 10
ZUMT720 DIODES-ZUMT720_15 Datasheet
144Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT718 DIODES-ZUMT718_15 Datasheet
806Kb / 6P
20V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev 3
ZUMT717 DIODES-ZUMT717_15 Datasheet
376Kb / 7P
12V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev 2
ADTA144EUAQ DIODES-ADTA144EUAQ Datasheet
468Kb / 6P
PNP PRE-BIASED TRANSISTOR IN SOT323
Rev. 2 - 2 April 2021
BC857BWQ DIODES-BC857BWQ Datasheet
356Kb / 5P
PNP SMALL SIGNAL TRANSISTOR IN SOT323
February 2021 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com