Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

131 Datasheet (PDF) - List of Unclassifed Manufacturers

131 Datasheet PDF - List of Unclassifed Manufacturers
Part # 131
Download  131 Download
File Size   145.8 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Typical 36.3 x 27.2 x 19.1 mm.

131 Datasheet (PDF)

Go To PDF Page Download Datasheet
131 Datasheet PDF - List of Unclassifed Manufacturers

Part # 131
Download  131 Click to download

File Size   145.8 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Typical 36.3 x 27.2 x 19.1 mm.

131 Datasheet (HTML) - List of Unclassifed Manufacturers


131 Product details

Features:
 Typical 36.3 x 27.2 x 19.1 mm.
 SC-Cut Crystal
 High Stability; Low Phase Noise
 CMOS//Sine Wave output; Fast Warm-up




Similar Part No. - 131

ManufacturerPart #DatasheetDescription
logo
France Joint
131 FRANCEJOINT-131 Datasheet
410Kb / 2P
GAMMA SEALS
logo
Abbatron All Rights Res...
131 ABBATRON-131 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
CEE Norm UK Ltd
131 CEENORM-131 Datasheet
1Mb / 4P
Socket Outlets
logo
Walther-Werke
131 WALTHER-131 Datasheet
958Kb / 2P
Sockets IP 44
logo
Switchcraft, Inc.
131 SWITCH-131 Datasheet
118Kb / 1P
EXTENSION JACK 1/4" - 3 CONDUCTOR
5-13-09 REV F
More results


Similar Description - 131

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
OX610 ACT-OX610 Datasheet
251Kb / 3P
Eurocase OCXO, Sine wave, HCMOS, 36.1 x 27.2 x 16.0mm
01/06/2017
OX660 ACT-OX660 Datasheet
297Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 36.2 x 27.2 x 13.0mm
01/06/2017
OX665 ACT-OX665 Datasheet
298Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 36.2 x 27.2 x 13.0mm
01/06/2017
logo
TAITIEN ELECTRONICS CO....
XO-0058-NI TAITIEN-XO-0058-NI Datasheet
304Kb / 1P
36.3 x 27.2 mm Oven Controlled Crystal Oscillator
logo
Transko Electronics, In...
OX-E TRANSKO-OX-E Datasheet
425Kb / 2P
OCXO 36.1 X 27.2 X 13mm “EURO” PACKAGE
Rev. 2: Mar. 2015
logo
Xtaltq Technologies Co....
BS0507A XTALTQ-BS0507A Datasheet
253Kb / 2P
Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
BS2016A XTALTQ-BS2016A Datasheet
231Kb / 2P
Typical 2.05 x 1.65 x 0.75 mm ceramic SMD package
BS2520A XTALTQ-BS2520A Datasheet
210Kb / 2P
Typical 2.5 x 2.0 x 0.81 mm ceramic SMD package
BS3225A XTALTQ-BS3225A Datasheet
327Kb / 2P
Typical 3.2 x 2.5 x 0.95 mm ceramic SMD package.
BS5032A XTALTQ-BS5032A Datasheet
234Kb / 2P
Typical 5.0 x 3.2 x 1.2 mm ceramic SMD package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com