Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8645S Datasheet (PDF) - Analog Devices

LT8645S Datasheet PDF - Analog Devices
Part # LT8645S
Download  LT8645S Download
File Size   1367.02 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18V, 3A/5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference

LT8645S Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8645S Datasheet PDF - Analog Devices

Part # LT8645S
Download  LT8645S Click to download

File Size   1367.02 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18V, 3A/5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference

LT8645S Datasheet (HTML) - Analog Devices


LT8645S Product details

FEATURES
 Silent Switcher® 3 Architecture
 Ultra-Low RMS Noise (10Hz to 100kHz): 4μVRMS
 Ultra-Low Spot Noise: 4nV/√Hz at 10kHz
 Ultra-Low EMI Emissions
 Ultra-Fast Transient Response
 <1μs Transient Recovery Time
 High Efficiency at High Frequency
 Up to 93% Efficiency at 2MHz, 12VIN to 3.3VOUT
 Up to 90% Efficiency at 4MHz, 12VIN to 3.3VOUT
 Input Voltage Range: 2.8V to 18V
 Output Voltage Range: 0V to (VIN − 0.5V)
 Unity Gain Configuration up to 13V Output
 Maximum Continuous Output Current
 LT83203: 3A
 LT83205: 5A
 Fast Minimum Switch On-Time: 15ns
 Adjustable and Synchronizable: 300kHz to 6MHz
 Precision Reference: ±0.7% Over Temperature
with Remote Sense
 Supports Dynamic Output Voltage Control
 Pin Selectable Forced Continuous Mode or
Pulse-Skipping Mode
 Programmable Power Good
 Tiny 15-Lead 3mm × 2mm LFCSP Package
 Pin-to-Pin Compatible Family: LT83201 (1A),
LT83203 (3A), LT83205 (5A)




Similar Part No. - LT8645S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8645S LINER-LT8645S Datasheet
453Kb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5關A Quiescent Current
logo
Analog Devices
LT8645S AD-LT8645S Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
LT8645S AD-LT8645S Datasheet
2Mb / 28P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
LT8645S AD-LT8645S Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LT8645S AD-LT8645S Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
More results


Similar Description - LT8645S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LTC3307A AD-LTC3307A Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LT8337 AD-LT8337 Datasheet
1Mb / 24P
28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LT8622S AD-LT8622S Datasheet
204Kb / 2P
18V, 2A/4A Step-Down Silent Switcher 3 with Ultralow Noise Reference
Rev. Sp0
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com