Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1506DPI Datasheet (PDF) - STMicroelectronics

STTH1506DPI Datasheet PDF - STMicroelectronics
Part # STTH1506DPI
Download  STTH1506DPI Download
File Size   78.17 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tandem 600V HYPERFAST BOOST DIODE

STTH1506DPI Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH1506DPI Datasheet PDF - STMicroelectronics

Part # STTH1506DPI
Download  STTH1506DPI Click to download

File Size   78.17 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tandem 600V HYPERFAST BOOST DIODE

STTH1506DPI Datasheet (HTML) - STMicroelectronics


STTH1506DPI Product details

FEATURES
ESPECIALLY SUITED AS BOOST DIODE IN
CONTINUOUS MODE POWER FACTOR
CORRECTORS AND HARD SWITCHING
CONDITIONS
n DESIGNED FOR HIGH DI/DT OPERATION.
HYPERFAST RECOVERY CURRENT TO
COMPETE WITH SIC DEVICES. ALLOWS
DOWNSIZING OF MOSFET AND HEATSINKS
n INTERNAL CERAMIC INSULATED DEVICES
WITH EQUAL THERMAL CONDITIONS FOR
BOTH 300V DIODES
n INSULATION (2500VRMS) ALLOWS
PLACEMENT ON SAME HEATSINK AS
MOSFET AND FLEXIBLE HEATSINKING ON
COMMON OR SEPARATE HEATSINK
n STATIC AND DYNAMIC EQUILIBRIUM OF
INTERNAL DIODES ARE WARRANTED BY
DESIGN
n PACKAGE CAPACITANCE: C=16pF




Similar Part No. - STTH1506DPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
logo
Thinki Semiconductor Co...
STTH1506DPI THINKISEMI-STTH1506DPI Datasheet
5Mb / 5P
ThinkiSemi 15A,600V(2x300V) Dual Tandem Structure Ultra Fast Recovery Rectifiers
More results


Similar Description - STTH1506DPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1506TPI STMICROELECTRONICS-STTH1506TPI Datasheet
71Kb / 5P
Tandem 600V Hyperfast Rectifer
May-2002
STTH806TTI STMICROELECTRONICS-STTH806TTI Datasheet
58Kb / 5P
TURBOSWITCHO Tandem 600V ULTRA-FAST BOOST DIODE
Insulated
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH506TTI STMICROELECTRONICS-STTH506TTI Datasheet
58Kb / 5P
Tandem 600V HYPERFAST RECTIFIER
Jun-2003
STTH3006TPI STMICROELECTRONICS-STTH3006TPI Datasheet
55Kb / 5P
Tandem 600V HYPERFAST RECTIFIER
Jun-2003
STTH3006DPI STMICROELECTRONICS-STTH3006DPI Datasheet
68Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH506DTI STMICROELECTRONICS-STTH506DTI Datasheet
50Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI_05 Datasheet
68Kb / 6P
Tandem 600V HYPERFAST BOOST DIODE
29-Jun-2005
STTH806DTI STMICROELECTRONICS-STTH806DTI_07 Datasheet
88Kb / 7P
Tandem 600 V hyperfast boost diode
11-Jul-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com