Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1506TPI Datasheet (PDF) - STMicroelectronics

STTH1506TPI Datasheet PDF - STMicroelectronics
Part # STTH1506TPI
Download  STTH1506TPI Download
File Size   71.83 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tandem 600V Hyperfast Rectifer

STTH1506TPI Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH1506TPI Datasheet PDF - STMicroelectronics

Part # STTH1506TPI
Download  STTH1506TPI Click to download

File Size   71.83 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tandem 600V Hyperfast Rectifer

STTH1506TPI Datasheet (HTML) - STMicroelectronics


STTH1506TPI Product details

DESCRIPTION

The TURBOSWITCH “H” is an ultra high performance diode composed of two 300V dice in series. TURBOSWITCH “H” family drastically cuts losses in the associated MOSFET when run at high dIF/dt.



FEATURES AND BENEFITS

■ Especially suited as boost diode in continuous mode power factor correctors and hard switching conditions.

■ Designed for high di/dt operation. Hyperfast recovery current to compete with GaAs devices. Allows downsizing of mosfet and heatsinks.

■ Internal ceramic insulated devices with equal thermal conditions for both 300V diodes.

■ Insulation (2500V RMS) allows placement on same heatsink as mosfet and flexible heatsinking on common or separate heatsink.

■ Matched diodes for typical PFC application without need for voltage balance network.

■ C = 7pF



 




Similar Part No. - STTH1506TPI

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
STTH1506TPI THINKISEMI-STTH1506TPI Datasheet
5Mb / 5P
ThinkiSemi 15A,600V(2x300V) Dual Tandem Structure Ultra Fast Recovery Rectifiers
More results


Similar Description - STTH1506TPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
50A, 600V Hyperfast Diode
January 2000
logo
STMicroelectronics
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH506TTI STMICROELECTRONICS-STTH506TTI Datasheet
58Kb / 5P
Tandem 600V HYPERFAST RECTIFIER
Jun-2003
STTH3006TPI STMICROELECTRONICS-STTH3006TPI Datasheet
55Kb / 5P
Tandem 600V HYPERFAST RECTIFIER
Jun-2003
STTH3006DPI STMICROELECTRONICS-STTH3006DPI Datasheet
68Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH506DTI STMICROELECTRONICS-STTH506DTI Datasheet
50Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI_05 Datasheet
68Kb / 6P
Tandem 600V HYPERFAST BOOST DIODE
29-Jun-2005
STTH806DTI STMICROELECTRONICS-STTH806DTI_07 Datasheet
88Kb / 7P
Tandem 600 V hyperfast boost diode
11-Jul-2007
STTH1008DTI STMICROELECTRONICS-STTH1008DTI Datasheet
264Kb / 9P
800 V tandem hyperfast diode
05-Mar-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com