Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1506TPI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1506TPI
Description  Tandem 600V Hyperfast Rectifer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1506TPI Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1506TPI Datasheet HTML 1Page - STMicroelectronics STTH1506TPI Datasheet HTML 2Page - STMicroelectronics STTH1506TPI Datasheet HTML 3Page - STMicroelectronics STTH1506TPI Datasheet HTML 4Page - STMicroelectronics STTH1506TPI Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STTH1506TPI
2/5
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR*
Reverse leakage cur-
rent
VR =VRRM
Tj = 25°C
20
µA
Tj = 125°C
30
200
VF**
Forward voltage drop
IF = 15A
Tj=25
°C
3.6
V
Tj = 125°C
2.1
2.6
Pulse test: * tp = 5ms,
δ <2%
** tp = 380µs,
δ <2%
To evaluate the maximum conduction losses use the following equation:
P=1.8xIF(AV) + 0.053 x IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (for both diodes)
Symbol
Parameter
Test conditions
Value
Unit
Rth (j-c)
Junction to case
Per diode
2.9
°C/W
Rth (c)
Coupling
0.3
Rth (j-c)
Junction to case
Total
1.6
P1
Conduction power dissipation for
both diodes
IF(AV) =15A
δ = 0.5
Tc = 70°C
50
W
THERMAL AND POWER DATA
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery
time
IF = 0.5 A Irr = 0.25A
IR =1A
Tj = 25°C
16
ns
IF =1A dIF/dt = - 50A/
µs
VR =30V
35
IRM
Reverse recovery
current
VR = 400 V IF =15A
dIF/dt = -200 A/
µs
Tj = 125°C
4.8
6.0
A
Sfactor
0.4
-
RECOVERY CHARACTERISTICS
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
tfr
Forward
recovery time
IF =15A dIF/dt = 100A/
µs,
VFR =1.1xVFmax
Tj = 25°C
200
ns
VFP
Forward
recovery voltage
IF =15A dIF/dt = 100 A/
µs
Tj = 25°C
6V
TURN-ON SWITCHING CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com