Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003CT Datasheet (PDF) - STMicroelectronics

STTH2003CT Datasheet PDF - STMicroelectronics
Part # STTH2003CT
Download  STTH2003CT Download
File Size   369.27 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300 V ultrafast rectifier

STTH2003CT Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH2003CT Datasheet PDF - STMicroelectronics

Part # STTH2003CT
Download  STTH2003CT Click to download

File Size   369.27 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300 V ultrafast rectifier

STTH2003CT Datasheet (HTML) - STMicroelectronics


STTH2003CT Product details

Features
• Combines highest recovery and reverse voltage performance
• Ultra-fast, soft and noise-free recovery
• Insulated package: TO-220FPAB
– Insulating voltage = 2000 VRMS sine
• ECOPACK® 2 compliant component for D²PAK on demand




Similar Part No. - STTH2003CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2003CT STMICROELECTRONICS-STTH2003CT Datasheet
132Kb / 8P
HIGH FREQUENCY SECONDARY RECTIFIER
Aug-2003
STTH2003CT STMICROELECTRONICS-STTH2003CT Datasheet
145Kb / 11P
Hight frequency secondary rectifier
26-Mar-2007
logo
Inchange Semiconductor ...
STTH2003CT ISC-STTH2003CT Datasheet
271Kb / 2P
Hight frequency secondary rectifier
More results


Similar Description - STTH2003CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SER30KB60 SSDI-SER30KB60 Datasheet
44Kb / 2P
30AMP 300-600 VOLT ULTRAFAST POWER SURFACE MOUNT RECTIFIER
logo
Fairchild Semiconductor
FFA60UP30DNTU FAIRCHILD-FFA60UP30DNTU Datasheet
2Mb / 5P
60 A, 300 V Ultrafast Dual Diode
FFPF10UP30STTU FAIRCHILD-FFPF10UP30STTU Datasheet
1Mb / 5P
10 A, 300 V, Ultrafast Diode
FFPF20UP30DNTU FAIRCHILD-FFPF20UP30DNTU Datasheet
509Kb / 5P
20 A, 300 V, Ultrafast Dual Diode
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
logo
Vishay Siliconix
VS-U5FH300FA60 VISHAY-VS-U5FH300FA60 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 300 A
19-May-2022
VS-VS5HD300CW60 VISHAY-VS-VS5HD300CW60 Datasheet
137Kb / 6P
FRED Pt® Gen 5, Ultrafast Rectifier Diode, 600 V, 300 A
08-Feb-2022
logo
ON Semiconductor
RURG3060CC-F085 ONSEMI-RURG3060CC-F085 Datasheet
488Kb / 7P
Ultrafast Rectifier 30 A, 600 V
February, 2020 - Rev. 4
logo
Vishay Siliconix
VS-U5FH300FA60 VISHAY-VS-U5FH300FA60_V01 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 300 A
19-May-2022
VS-VS5HD300CW60 VISHAY-VS-VS5HD300CW60_V01 Datasheet
136Kb / 6P
FRED Pt® Gen 5, Ultrafast Rectifier Diode, 600 V, 300 A
08-Feb-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com