Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH2003CT
Description  300 V ultrafast rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003CT Datasheet(HTML) 1 Page - STMicroelectronics

  STTH2003CT Datasheet HTML 1Page - STMicroelectronics STTH2003CT Datasheet HTML 2Page - STMicroelectronics STTH2003CT Datasheet HTML 3Page - STMicroelectronics STTH2003CT Datasheet HTML 4Page - STMicroelectronics STTH2003CT Datasheet HTML 5Page - STMicroelectronics STTH2003CT Datasheet HTML 6Page - STMicroelectronics STTH2003CT Datasheet HTML 7Page - STMicroelectronics STTH2003CT Datasheet HTML 8Page - STMicroelectronics STTH2003CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
K
K
A1
A1
A2
A2
D2PAK
A1
K
A2
A1
K
A2
TO-220AB
A1
K
A2
TO-220FPAB
A1K
A2
I2PAK
K
K
Features
•
Combines highest recovery and reverse voltage performance
•
Ultra-fast, soft and noise-free recovery
•
Insulated package: TO-220FPAB
–
Insulating voltage = 2000 VRMS sine
•
ECOPACK®2 compliant component for D²PAK on demand
Applications
•
Secondary rectification
•
Switching diode
•
Telecom power supply
•
DC/DC converter
Description
The STTH2003 is a dual center tap fast recovery epitaxial diodes suited for switch
mode power supply and high frequency DC/DC converters.
Packaged in TO-220AB, TO-220FPAB, I²PAK or D²PAK, this device is especially
intended for secondary rectification.
Product status
STTH2003
Product summary
IF(AV)
2 x 10 A
VRRM
300 V
Tj (max.)
175 °C
VF (typ.)
0.85 V
trr (max.)
25 ns
300 V ultrafast rectifier
STTH2003
Datasheet
DS1213 - Rev 12 - August 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH2003CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2003CT STMICROELECTRONICS-STTH2003CT Datasheet
132Kb / 8P
HIGH FREQUENCY SECONDARY RECTIFIER
Aug-2003
STTH2003CT STMICROELECTRONICS-STTH2003CT Datasheet
145Kb / 11P
Hight frequency secondary rectifier
26-Mar-2007
logo
Inchange Semiconductor ...
STTH2003CT ISC-STTH2003CT Datasheet
271Kb / 2P
Hight frequency secondary rectifier
More results

Similar Description - STTH2003CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SER30KB60 SSDI-SER30KB60 Datasheet
44Kb / 2P
30AMP 300-600 VOLT ULTRAFAST POWER SURFACE MOUNT RECTIFIER
logo
Fairchild Semiconductor
FFA60UP30DNTU FAIRCHILD-FFA60UP30DNTU Datasheet
2Mb / 5P
60 A, 300 V Ultrafast Dual Diode
FFPF10UP30STTU FAIRCHILD-FFPF10UP30STTU Datasheet
1Mb / 5P
10 A, 300 V, Ultrafast Diode
FFPF20UP30DNTU FAIRCHILD-FFPF20UP30DNTU Datasheet
509Kb / 5P
20 A, 300 V, Ultrafast Dual Diode
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
logo
Vishay Siliconix
VS-U5FH300FA60 VISHAY-VS-U5FH300FA60 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 300 A
19-May-2022
VS-VS5HD300CW60 VISHAY-VS-VS5HD300CW60 Datasheet
137Kb / 6P
FRED Pt® Gen 5, Ultrafast Rectifier Diode, 600 V, 300 A
08-Feb-2022
logo
ON Semiconductor
RURG3060CC-F085 ONSEMI-RURG3060CC-F085 Datasheet
488Kb / 7P
Ultrafast Rectifier 30 A, 600 V
February, 2020 - Rev. 4
logo
Vishay Siliconix
VS-U5FH300FA60 VISHAY-VS-U5FH300FA60_V01 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 300 A
19-May-2022
VS-VS5HD300CW60 VISHAY-VS-VS5HD300CW60_V01 Datasheet
136Kb / 6P
FRED Pt® Gen 5, Ultrafast Rectifier Diode, 600 V, 300 A
08-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com