Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003CT Datasheet(PDF) 13 Page - STMicroelectronics

Part # STTH2003CT
Description  300 V ultrafast rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003CT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STTH2003CT Datasheet HTML 8Page - STMicroelectronics STTH2003CT Datasheet HTML 9Page - STMicroelectronics STTH2003CT Datasheet HTML 10Page - STMicroelectronics STTH2003CT Datasheet HTML 11Page - STMicroelectronics STTH2003CT Datasheet HTML 12Page - STMicroelectronics STTH2003CT Datasheet HTML 13Page - STMicroelectronics STTH2003CT Datasheet HTML 14Page - STMicroelectronics STTH2003CT Datasheet HTML 15Page - STMicroelectronics STTH2003CT Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Table 8. TO-220FPAB package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Max.
Min.
Max.
A
4.40
4.60
0.1739
0.1818
B
2.50
2.70
0.0988
0.1067
D
2.50
2.75
0.0988
0.1087
E
0.45
0.70
0.0178
0.0277
F
0.75
1.00
0.0296
0.0395
F1
1.15
1.70
0.0455
0.0672
F2
1.15
1.70
0.0455
0.0672
G
4.95
5.20
0.1957
0.2055
G1
2.40
2.70
0.0949
0.1067
H
10.00
10.40
0.3953
0.4111
L2
16.00 typ.
0.6324 typ.
L3
28.60
30.60
1.1304
1.2095
L4
9.80
10.60
0.3874
0.4190
L5
2.90
3.60
0.1146
0.1423
L6
15.90
16.40
0.6285
0.6482
L7
9.00
9.30
0.3557
0.3676
Dia
3.00
3.20
0.1186
0.1265
STTH2003
TO-220FPAB package information
DS1213 - Rev 12
page 13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com