Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4027 Datasheet (PDF) - STMicroelectronics

HCF4027 Datasheet PDF - STMicroelectronics
Part # HCF4027
Download  HCF4027 Download
File Size   286.35 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL-J-K MASTER-SLAVE FLIP-FLOP

HCF4027 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4027 Datasheet PDF - STMicroelectronics

Part # HCF4027
Download  HCF4027 Click to download

File Size   286.35 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL-J-K MASTER-SLAVE FLIP-FLOP

HCF4027 Datasheet (HTML) - STMicroelectronics


HCF4027 Product details

DESCRIPTION
The HCC4027B (extended temperature range) and HCF4027B (intermediate temperature range) are monolithic integrated circuit, available in 16-lead dual in-line plastic or ceramic package and plastic micro package.
   
■ SET-RESET CAPABILITY
■ STATIC FLIP-FLOP OPERATION - RETAINS
    STATE INDEFINITELY WITH CLOCK LEVEL
    EITHER ”HIGH” OR ”LOW”
■ MEDIUM SPEED OPERATION - 16MHz (typ.
    clock toggle rate at 10V)
■ STANDARDIZED SYMMETRICAL OUTPUT
    CHARACTERISTICS
■ QUIESCENT CURRENT SPECIFIED TO 20V
    FOR HCC DEVICE
■ INPUT CURRENT OF 100nA AT 18V AND 25°C
    FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
    STANDARD N0. 13A, ”STANDARD
    SPECIFICATIONS FOR DESCRIPTION OF ”B”
    SERIES CMOS DEVICES”.
   




Similar Part No. - HCF4027

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4027B STMICROELECTRONICS-HCF4027B Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
HCF4027BEY STMICROELECTRONICS-HCF4027BEY Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
HCF4027BM1 STMICROELECTRONICS-HCF4027BM1 Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
HCF4027B STMICROELECTRONICS-HCF4027B_02 Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
HCF4027M013TR STMICROELECTRONICS-HCF4027M013TR Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
More results


Similar Description - HCF4027

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
Dual J-K Master-Slave Flip-Flop
1996 REV 5
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
Dual J-K Master-Slave Flip-Flop
REV 6
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
DUAL J-K MASTER-SLAVE FLIP FLOP
logo
Intersil Corporation
CD4027BMS INTERSIL-CD4027BMS Datasheet
72Kb / 8P
CMOS Dual J-K Master-Slave Flip-Flop
December 1992
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
DUAL J-K MASTER SLAVE FLIP FLOP
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Texas Instruments
CD4027B TI-CD4027B_07 Datasheet
676Kb / 14P
CMOS Dual J-K Master-Slave Flip-Flop
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP_07 Datasheet
329Kb / 9P
Dual J-K Master-Slave Flip Flop
logo
STMicroelectronics
HCF4027B STMICROELECTRONICS-HCF4027B_02 Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
logo
Texas Instruments
CD4027B TI1-CD4027B_15 Datasheet
1Mb / 27P
CMOS Dual J-K Master-Slave Flip-Flop
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com