Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4027 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4027
Description  DUAL-J-K MASTER-SLAVE FLIP-FLOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4027 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4027 Datasheet HTML 1Page - STMicroelectronics HCF4027 Datasheet HTML 2Page - STMicroelectronics HCF4027 Datasheet HTML 3Page - STMicroelectronics HCF4027 Datasheet HTML 4Page - STMicroelectronics HCF4027 Datasheet HTML 5Page - STMicroelectronics HCF4027 Datasheet HTML 6Page - STMicroelectronics HCF4027 Datasheet HTML 7Page - STMicroelectronics HCF4027 Datasheet HTML 8Page - STMicroelectronics HCF4027 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCC/HCF4027B
DUAL-J-K MASTER-SLAVE FLIP-FLOP
DESCRIPTION
.
SET-RESET CAPABILITY
.
STATIC FLIP-FLOP OPERATION - RETAINS
STATE INDEFINITELY WITH CLOCK LEVEL
EITHER ”HIGH” OR ”LOW”
.
MEDIUM SPEED OPERATION - 16MHz (typ.
clock toggle rate at 10V)
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
0. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”.
June 1989
The HCC4027B (extended temperature range) and
HCF4027B (intermediate temperature range) are
monolithic integrated circuit, available in 16-lead
dual in-line plastic or ceramic package and plastic
micro package.
The HCC/HCF4027B is a single monolithic chip in-
tegrated circuit containing two identical complemen-
tary-symmetry J-K master-slave flip-flops. Each
flip-flop has provisions for individual J, K, Set, Reset,
and Clock input signals, Buffered Q and Q signals
are provided as outputs. This input-output arrange-
ment provides for compatible operation with the
HCC/HCF4013B dual D-type flip-flop.
The HCC/HCF4027B is useful in performing control,
register, and toggle functions. Logic levels present
at the J and K inputs along with internal self-steering
control the state of each flip-flop ; changes in the flip-
flop state are synchronous with the positive-going
transition of the clock pulse. Set and reset functions
are independent of the clock and are initiated when
a high level signal is present at either the Set or
Reset input.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
ORDER CODES :
HCC4027BF
HCF4027BM1
HCF4027BEY
HCF4027BC1
PIN CONNECTIONS
M1
(Micro Package)
C1
(Plastic Chip Carrier)
1/12


Similar Part No. - HCF4027

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4027B STMICROELECTRONICS-HCF4027B Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
HCF4027BEY STMICROELECTRONICS-HCF4027BEY Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
HCF4027BM1 STMICROELECTRONICS-HCF4027BM1 Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
HCF4027B STMICROELECTRONICS-HCF4027B_02 Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
HCF4027M013TR STMICROELECTRONICS-HCF4027M013TR Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
More results

Similar Description - HCF4027

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
Dual J-K Master-Slave Flip-Flop
1996 REV 5
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
Dual J-K Master-Slave Flip-Flop
REV 6
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
DUAL J-K MASTER-SLAVE FLIP FLOP
logo
Intersil Corporation
CD4027BMS INTERSIL-CD4027BMS Datasheet
72Kb / 8P
CMOS Dual J-K Master-Slave Flip-Flop
December 1992
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
DUAL J-K MASTER SLAVE FLIP FLOP
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Texas Instruments
CD4027B TI-CD4027B_07 Datasheet
676Kb / 14P
CMOS Dual J-K Master-Slave Flip-Flop
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP_07 Datasheet
329Kb / 9P
Dual J-K Master-Slave Flip Flop
logo
STMicroelectronics
HCF4027B STMICROELECTRONICS-HCF4027B_02 Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
logo
Texas Instruments
CD4027B TI1-CD4027B_15 Datasheet
1Mb / 27P
CMOS Dual J-K Master-Slave Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com