Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70280 Datasheet (PDF) - Molex Electronics Ltd.

70280 Datasheet PDF - Molex Electronics Ltd.
Part # 70280
Download  70280 Download
File Size   27.74 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description C-Grid® Products

70280 Datasheet (PDF)

Go To PDF Page Download Datasheet
70280 Datasheet PDF - Molex Electronics Ltd.

Part # 70280
Download  70280 Click to download

File Size   27.74 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description C-Grid® Products

70280 Datasheet (HTML) - Molex Electronics Ltd.


70280 Product details

Description: 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 20 Circuits, 0.76μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm PC Tail

Application Board-to-Board, Signal, Wire-to-Board




Similar Part No. - 70280

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70280 MOLEX-70280 Datasheet
27Kb / 2P
C-Grid Connector Products
10/09/2018
70280-0002 MOLEX1-70280-0002 Datasheet
432Kb / 4P
2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 4 Circuits, Tin (Sn) Plating, 2.72mm (.107") PC Tail Length
70280-0002 MOLEX11-70280-0002 Datasheet
35Kb / 2P
2.54mm Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 4
70280-0003 MOLEX1-70280-0003 Datasheet
432Kb / 4P
2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 6 Circuits, Tin (Sn) Plating, 2.72mm (.107") PC Tail Length
70280-0003 MOLEX11-70280-0003 Datasheet
35Kb / 2P
2.54mm Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 6
More results


Similar Description - 70280

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_12 Datasheet
1Mb / 45P
High-Resolution Thermochron® iButton® Range H: 15°C to 46°C, Z: -5°C to 26°C
Rev 3/12
logo
Molex Electronics Ltd.
15-91-6162 MOLEX5-15-91-6162 Datasheet
34Kb / 3P
2.54mm Pitch C-Grid Header
logo
FSP TECHNOLOGY INC.
FSP040-DGAA2 FSP-FSP040-DGAA2 Datasheet
109Kb / 1P
C onsumer products, Modems, C hargers
logo
Molex Electronics Ltd.
0901301250 MOLEX1-0901301250_17 Datasheet
33Kb / 2P
C-Grid III
0901361212 MOLEX1-0901361212_17 Datasheet
29Kb / 2P
C-Grid III
logo
Cree, Inc
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
logo
OSRAM GmbH
GWPLLRA1.EM OSRAM-GWPLLRA1.EM Datasheet
1Mb / 24P
OSCONIQ® C 2424
Version 1.6 / 2021-11-24
logo
Lapp.
0026701 LAPP-0026701 Datasheet
71Kb / 2P
OLFLEX® ROBUSR FD C
20.07.2018
44420211 LAPP-44420211 Datasheet
349Kb / 4P
EPIC® POWERLOCK F6 C
21.10.2022
44420216 LAPP-44420216 Datasheet
342Kb / 4P
EPIC® POWERLOCK D6 C
03.08.2023
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com