Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53259 Datasheet (PDF) - Molex Electronics Ltd.

53259 Datasheet PDF - Molex Electronics Ltd.
Part # 53259
Download  53259 Download
File Size   34.83 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PCB Headers

53259 Datasheet (PDF)

Go To PDF Page Download Datasheet
53259 Datasheet PDF - Molex Electronics Ltd.

Part # 53259
Download  53259 Click to download

File Size   34.83 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PCB Headers

53259 Datasheet (HTML) - Molex Electronics Ltd.


53259 Product details

Description: 3.50mm (.138") Pitch Header, Right Angle, Lead-free, 4 Circuits, Phosphor Bronze (CuSn) Contact

Application Signal, Wire-to-Board




Similar Part No. - 53259

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53259 MICROPAC-53259 Datasheet
130Kb / 6P
POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
logo
Molex Electronics Ltd.
53259-0229 MOLEX7-53259-0229 Datasheet
140Kb / 3P
3.50mm (.138") Pitch Header, Right Angle, Lead-free, 2 Circuits, Brass (CuZn) Contact
53259-0329 MOLEX7-53259-0329 Datasheet
140Kb / 3P
3.50mm (.138") Pitch Header, Right Angle, Lead-free, 3 Circuits, Brass (CuZn) Contact
53259-0429 MOLEX7-53259-0429 Datasheet
140Kb / 3P
3.50mm (.138") Pitch Header, Right Angle, Lead-free, 4 Circuits, Brass (CuZn) Contact
53259-0529 MOLEX7-53259-0529 Datasheet
140Kb / 3P
3.50mm (.138") Pitch Header, Right Angle, Lead-free, 5 Circuits, Brass (CuZn) Contact
More results


Similar Description - 53259

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032-07C5-3PN GLENAIR-800-032-07C5-3PN Datasheet
175Kb / 4P
Right Angle PCB Receptacle Headers
logo
Dubilier
DBCIDCB10S04AG1 DUBILIER-DBCIDCB10S04AG1 Datasheet
132Kb / 1P
FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
DBCMJC33AG1 DUBILIER-DBCMJC33AG1 Datasheet
98Kb / 1P
PIN HEADERS
logo
PHOENIX CONTACT
1717025 PHOENIX-1717025 Datasheet
267Kb / 12P
PCB headers
1097546 PHOENIX-1097546 Datasheet
545Kb / 14P
PCB headers, Reflow/wave soldering
2020-01-09
1145402 PHOENIX-1145402 Datasheet
499Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
1145419 PHOENIX-1145419 Datasheet
476Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
1150791 PHOENIX-1150791 Datasheet
469Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
1150824 PHOENIX-1150824 Datasheet
449Kb / 16P
PCB headers, Reflow/wave soldering
2020-02-11
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com