Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53259 Datasheet (PDF) - Micropac Industries

53259 Datasheet PDF - Micropac Industries
Part # 53259
Download  53259 Download
File Size   130.21 Kbytes
Page   6 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED

53259 Datasheet (PDF)

Go To PDF Page Download Datasheet
53259 Datasheet PDF - Micropac Industries

Part # 53259
Download  53259 Click to download

File Size   130.21 Kbytes
Page   6 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED

53259 Datasheet (HTML) - Micropac Industries




Similar Part No. - 53259

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53259 MOLEX-53259 Datasheet
34Kb / 2P
PCB Headers
05/12/2011
53259-0229 MOLEX7-53259-0229 Datasheet
140Kb / 3P
3.50mm (.138") Pitch Header, Right Angle, Lead-free, 2 Circuits, Brass (CuZn) Contact
53259-0329 MOLEX7-53259-0329 Datasheet
140Kb / 3P
3.50mm (.138") Pitch Header, Right Angle, Lead-free, 3 Circuits, Brass (CuZn) Contact
53259-0417 MOLEX-53259-0417 Datasheet
34Kb / 2P
PCB Headers
05/12/2011
53259-0429 MOLEX7-53259-0429 Datasheet
140Kb / 3P
3.50mm (.138") Pitch Header, Right Angle, Lead-free, 4 Circuits, Brass (CuZn) Contact
More results


Similar Description - 53259

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66024 MICROPAC-66024 Datasheet
94Kb / 3P
4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
66186 MICROPAC-66186 Datasheet
79Kb / 2P
TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
logo
Agilent(Hewlett-Packard...
HSSR711X HP-HSSR711X Datasheet
209Kb / 12P
90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
5962-9314002HPA AVAGO-5962-9314002HPA Datasheet
143Kb / 11P
90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
Dual Channel Line Receiver Hermetically Sealed Optocoupler
HSSR-7110-300 AVAGO-HSSR-7110-300 Datasheet
143Kb / 11P
90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
Dual-Channel Line Receiver Hermetically Sealed Optocoupler
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com