Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS2100-Q1 Datasheet (PDF) - Texas Instruments

TMCS2100-Q1 Datasheet PDF - Texas Instruments
Part # TMCS2100-Q1
Download  TMCS2100-Q1 Download
File Size   659.23 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMCS2100-Q1 Coreless Multi-Sensor Hall-Effect Current Sensor

TMCS2100-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMCS2100-Q1 Datasheet PDF - Texas Instruments

Part # TMCS2100-Q1
Download  TMCS2100-Q1 Click to download

File Size   659.23 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMCS2100-Q1 Coreless Multi-Sensor Hall-Effect Current Sensor

TMCS2100-Q1 Datasheet (HTML) - Texas Instruments


TMCS2100-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 0: -40°C to 150°C
• Functional Safety-Capable
– Documentation available to aid in functional
safety system design
• Programmable gain
• Fully differential output
• Fast Response
– Signal bandwidth: 250kHz
– Response time: 2.6μs
– Propagation delay: 0.7μs
– Overcurrent detection response: 500ns
• Operating supply range: 3V to 5.5V

2 Applications
• EV Traction Inverter
• Off-Highway Vehicle
• Solar Inverter

3 Description
The TMCS2100-Q1 is a precision multi-sensor
coreless current sensing device, designed specifically
for the demanding requirements of high voltage,
high-current multi-phase systems. This measurement
design meets the performance requirements of
significantly larger, heavier and more expensive
magnetic core-based products while achieving a
space-saving footprint, without the requirement to
modify or notch the high current carrying bus bars.
AC or DC current flows through a busbar generating
a magnetic field. The integrated on-chip Hall-effect
sensors measure the magnetic field. Typically,
differential coreless current sensing devices are highly
susceptible to changes in magnetic field strength due
to system manufacturing tolerances, displacement
and vibration. The TMCS2100-Q1 utilizes a TI
proprietary algorithm to significantly reduce the
effect of displacement. Additionally, active frequency
compensation is available for eddy current-induced
amplitude errors.
The TMCS2100-Q1 characterization process
minimizes phase-to-phase magnetic crosstalk error
and enables measurement errors below 0.5% at fullscale
current levels that can exceed 1000A.




Similar Part No. - TMCS2100-Q1

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCS HOLYSTONECAPS-TMCS Datasheet
61Kb / 2P
TANTALUM ELECTROLYTIC CAPACITORS
logo
Vishay Siliconix
TMCS VISHAY-TMCS Datasheet
246Kb / 12P
Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
26-Oct-17
logo
TRINAMIC Motion Control...
TMCS-20 TRINAMIC-TMCS-20 Datasheet
469Kb / 12P
Hardware Manual
TMCS-20-4-8192-AT-01 TRINAMIC-TMCS-20-4-8192-AT-01 Datasheet
469Kb / 12P
Hardware Manual
TMCS-20-KIT TRINAMIC-TMCS-20-KIT Datasheet
469Kb / 12P
Hardware Manual
More results


Similar Description - TMCS2100-Q1

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2705 WINSON-WCS2705 Datasheet
457Kb / 5P
Hall Effect Base Linear Current Sensor
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2750 WINSON-WCS2750_17 Datasheet
428Kb / 3P
Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
Hall Effect Base Linear Current Sensor
2017/12/20
logo
CTS Corporation
286 CTS-286 Datasheet
672Kb / 4P
Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com