Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4035 Datasheet (PDF) - STMicroelectronics

HCF4035 Datasheet PDF - STMicroelectronics
Part # HCF4035
Download  HCF4035 Download
File Size   296.29 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER

HCF4035 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4035 Datasheet PDF - STMicroelectronics

Part # HCF4035
Download  HCF4035 Click to download

File Size   296.29 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER

HCF4035 Datasheet (HTML) - STMicroelectronics


HCF4035 Product details

DESCRIPTION
The HCC4035B (extended temperature range) and HCF4035B (intermediate temperature range) are monolithic integrated circuit, available in 16-lead dual in-line plastic or ceramic package and plastic
micro package.

■ 4-STAGE CLOCKED SHIFT OPERATION
■ SYNCHRONOUSPARALLEL ENTRY ON ALL 4 STAGES
■ JK INPUTS ON FIRST STAGE
■ ASYNCHRONOUS TRUE/COMPLEMENT CONTROL ON ALL OUTPUTS
■ STATIC FLIP-FLOP OPERATION ; MASTERSLAVE CONFIGURATION
■ BUFFERED INPUTS AND OUTPUTS
■ HIGH SPEED 12MHz (typ.) AT VDD = 10V
■ QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE
■ STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS
■ 5V, 10V, AND 15V PARAMETRIC RATINGS
■ INPUT CURR 100nA AT 18V AND 25°C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARD N°. 13A, ”STANDARD SPECIFICATIONS FOR DESCRIPTION OF ”B” SERIES CMOS DEVICES”




Similar Part No. - HCF4035

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4035B STMICROELECTRONICS-HCF4035B Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
HCF4035BEY STMICROELECTRONICS-HCF4035BEY Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
HCF4035BM1 STMICROELECTRONICS-HCF4035BM1 Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
HCF4035B STMICROELECTRONICS-HCF4035B_01 Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
HCF4035M013TR STMICROELECTRONICS-HCF4035M013TR Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
More results


Similar Description - HCF4035

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14035B MOTOROLA-MC14035B Datasheet
224Kb / 6P
4-Bit Parallel-In/Parallel-Out Shift Register
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
Serial-In, Parallel-Out Shift Register
logo
Texas Instruments
CD4035B TI-CD4035B Datasheet
269Kb / 6P
CMOS 4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
Serial-In, Parallel-Out Shift Register
logo
National Semiconductor ...
CD4035BM NSC-CD4035BM Datasheet
139Kb / 6P
4-Bit Parallel-In/Parallel-Out Shift Register
logo
Micro Electronics
MMC4035 MICRO-ELECTRONICS-MMC4035 Datasheet
173Kb / 6P
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Intersil Corporation
CD4035BMS INTERSIL-CD4035BMS Datasheet
118Kb / 10P
CMOS 4 -Stage Parallel In/Parallel Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
HCF4035B STMICROELECTRONICS-HCF4035B_01 Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
SERIAL-IN PARALLEL-OUT SHIFT REGISTER
Sep-1988
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com