Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4035 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4035
Description  4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4035 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4035 Datasheet HTML 1Page - STMicroelectronics HCF4035 Datasheet HTML 2Page - STMicroelectronics HCF4035 Datasheet HTML 3Page - STMicroelectronics HCF4035 Datasheet HTML 4Page - STMicroelectronics HCF4035 Datasheet HTML 5Page - STMicroelectronics HCF4035 Datasheet HTML 6Page - STMicroelectronics HCF4035 Datasheet HTML 7Page - STMicroelectronics HCF4035 Datasheet HTML 8Page - STMicroelectronics HCF4035 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HCC/HCF4035B
July 1989
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
.
4-STAGE CLOCKED SHIFT OPERATION
.
SYNCHRONOUS PARALLEL ENTRY ON ALL 4
STAGES
.
JK INPUTS ON FIRST STAGE
.
ASYNCHRONOUS TRUE/COMPLEMENT CON-
TROL ON ALL OUTPUTS
.
STATIC FLIP-FLOP OPERATION ; MASTER-
SLAVE CONFIGURATION
.
BUFFERED INPUTS AND OUTPUTS
.
HIGH SPEED 12MHz (typ.) AT VDD = 10V
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURR 100nA AT 18V AND 25
°C FOR
HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
DESCRIPTION
The HCC4035B (extended temperature range) and
HCF4035B (intermediate temperature range) are
monolithic integrated circuit, available in 16-lead
dual in-line plastic or ceramic package and plastic
micro package. The HCC/HCF4035B is a four-
stage clocked signal serial register with provision for
synchronous PARALLEL inputs to each stage and
SERIAL inputs to the first stage via JK logic. Regis-
ter stages 2, 3, and 4 are coupled in a serial D flip-
flop configuration when the register is in the serial
mode (PARALLEL/SERIAL control low). Parallel
entry into each register stage is permitted when the
PARALLEL/SERIAL control is high. In the parallel or
serial mode information is transferred on positive
clock transitions. When the TRUE/COMPLEMENT
control is high, the true contents of the register are
available at the output terminals. When the
TRUE/COMPLEMENT control is low, the outputs
are the complements of the data in the register. The
TRUE/COMPLEMENT control functions asyn-
chronously with respect to the CLOCK signal. JK
input logic is provided on the first stage SERIAL
input to minimize logic requirements particularly in
counting and sequence-generation applications.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4035BF
HCF4035BM1
HCF4035BEY
HCF4035BC1
PIN CONNECTIONS
Whith JK inputs connected together, the first stage
becomes a D flip-flop. An asynchronous common
RESET is also provided.
1/14


Similar Part No. - HCF4035

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4035B STMICROELECTRONICS-HCF4035B Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
HCF4035BEY STMICROELECTRONICS-HCF4035BEY Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
HCF4035BM1 STMICROELECTRONICS-HCF4035BM1 Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
HCF4035B STMICROELECTRONICS-HCF4035B_01 Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
HCF4035M013TR STMICROELECTRONICS-HCF4035M013TR Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
More results

Similar Description - HCF4035

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14035B MOTOROLA-MC14035B Datasheet
224Kb / 6P
4-Bit Parallel-In/Parallel-Out Shift Register
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
Serial-In, Parallel-Out Shift Register
logo
Texas Instruments
CD4035B TI-CD4035B Datasheet
269Kb / 6P
CMOS 4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
Serial-In, Parallel-Out Shift Register
logo
National Semiconductor ...
CD4035BM NSC-CD4035BM Datasheet
139Kb / 6P
4-Bit Parallel-In/Parallel-Out Shift Register
logo
Micro Electronics
MMC4035 MICRO-ELECTRONICS-MMC4035 Datasheet
173Kb / 6P
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Intersil Corporation
CD4035BMS INTERSIL-CD4035BMS Datasheet
118Kb / 10P
CMOS 4 -Stage Parallel In/Parallel Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
HCF4035B STMICROELECTRONICS-HCF4035B_01 Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
SERIAL-IN PARALLEL-OUT SHIFT REGISTER
Sep-1988
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com