Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS7A90 Datasheet (PDF) - Texas Instruments

TPS7A90 Datasheet PDF - Texas Instruments
Part # TPS7A90
Download  TPS7A90 Download
File Size   2697.67 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator

TPS7A90 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A90 Datasheet PDF - Texas Instruments

Part # TPS7A90
Download  TPS7A90 Click to download

File Size   2697.67 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator

TPS7A90 Datasheet (HTML) - Texas Instruments


TPS7A90 Product details

1 Features
1• 1.0% accuracy over line, load, and temperature
• Low output noise: 4.7 μVRMS (10 Hz–100 kHz)
• Low dropout: 100 mV (max) at 0.5 A
• Wide input voltage range: 1.4 V to 6.5 V
• Wide output voltage range: 0.8 V to 5.7 V
• High power-supply rejection ratio (PSRR):
– 60 dB at DC
– 50 dB at 100 kHz
– 30 dB at 1 MHz
• Fast transient response
• Adjustable start-up in-rush control with selectable
soft-start charging current
• Open-drain power-good (PG) output
• RθJC = 3.2ºC/W
• 2.5-mm × 2.5-mm, 10-pin WSON package

2 Applications
• Macro remote radio units (RRU)
• Outdoor backhaul units
• Active antenna system mMIMO (AAS)
• Ultrasound scanners
• Lab and field instrumentation
• Sensor, imaging, and radar

3 Description
The TPS7A90 is a low-noise (4.7 μVRMS), low-dropout
(LDO) voltage regulator capable of sourcing 500 mA
with only 100 mV of maximum dropout to 5 V and
200 mV to 5.7 V.
The TPS7A90 output is adjustable with external
resistors from 0.8 V to 5.7 V. The TPS7A90 wide
input voltage range supports operation as low as
1.4 V and up to 6.5 V.
With 1% output voltage accuracy (over line, load, and
temperature) and soft-start capabilities to reduce inrush
current, the TPS7A90 is ideal for powering
sensitive analog low-voltage devices [such as
voltage-controlled oscillators (VCOs), analog-to-digital
converters (ADCs), and digital-to-analog converters
(DACs)].
The TPS7A90 is designed to power noise-sensitive
components such as those found in high-speed
communication, video, medical, or test and
measurement applications. The very low 4.7-μVRMS
output noise and wideband PSRR (30 dB at 1 MHz)
minimizes phase noise and clock jitter. These
features maximize performance of clocking devices,
ADCs, and DACs.




Similar Part No. - TPS7A90

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A90 TI-TPS7A90 Datasheet
3Mb / 34P
TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A9001DSKR TI1-TPS7A9001DSKR Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A9001DSKR TI-TPS7A9001DSKR Datasheet
3Mb / 34P
TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A9001DSKT TI1-TPS7A9001DSKT Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
More results


Similar Description - TPS7A90

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
500 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
SCP51460 ONSEMI-SCP51460 Datasheet
123Kb / 6P
High Accuracy Low Noise 20mA LDO Regulator
February, 2010 ??Rev. 0
logo
Texas Instruments
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
SCP51460 ONSEMI-SCP51460_16 Datasheet
105Kb / 6P
High Accuracy Low Noise 20mA LDO Regulator
October, 2016 ??Rev. 1
logo
Texas Instruments
TPS7A90 TI-TPS7A90_V01 Datasheet
3Mb / 34P
TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
500 mA Low-Noise LDO Regulator
09/14/21
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com