Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP771081 Datasheet (PDF) - Multicomp Pro

MP771081 Datasheet PDF - Multicomp Pro
Part # MP771081
Download  MP771081 Download
File Size   247.64 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Stackable Banana Plug

MP771081 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP771081 Datasheet PDF - Multicomp Pro

Part # MP771081
Download  MP771081 Click to download

File Size   247.64 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Stackable Banana Plug

MP771081 Datasheet (HTML) - Multicomp Pro


MP771081 Product details

Description
These specifications come from the creepage distances, clearances, accessible parts, and solid insulation of the lead. And the considered specifications of the environment are :
• Pollution degree, 1 or 2
• Relative humidity, 80% maximum for temperatures up to 31°C decreasing linearly to 50% relative humidity at +40°C
• Temperature range, +5°C to +40°C
• Indoor use
• Altitude, 2000m maximum

Description
Stackable Banana Plugss




Similar Part No. - MP771081

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP770208 MULTICOMP-MP770208 Datasheet
180Kb / 1P
Probe
13/05/22 V1.0
logo
Monolithic Power System...
MP7705 MPS-MP7705 Datasheet
326Kb / 10P
12V, 2x5W/2x2.5W Class?밆 Stereo Single Ended Audio Amplifier
logo
List of Unclassifed Man...
MP7720 ETC-MP7720 Datasheet
98Kb / 1P
3M Multimedia-Projektor
logo
Monolithic Power System...
MP7720 MPS-MP7720 Datasheet
338Kb / 11P
20W Class D Mono Single Ended Audio Amplifer
MP7720DP MPS-MP7720DP Datasheet
338Kb / 11P
20W Class D Mono Single Ended Audio Amplifer
More results


Similar Description - MP771081

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1325-8 POMONA-1325-8 Datasheet
75Kb / 1P
Standard Banana Plug, Solderless and Stackable
5406-0 POMONA-5406-0 Datasheet
75Kb / 1P
Standard Banana Plug, Solderless and Stackable
logo
3M Electronics
1825-7 3M-1825-7 Datasheet
163Kb / 1P
Standard Banana Plug, Solderless and Stackable
Rev. 101
logo
List of Unclassifed Man...
BU-16-0 ETC2-BU-16-0 Datasheet
50Kb / 1P
Unshrouded Stackable Banana Plug
BU-00249-0 ETC2-BU-00249-0 Datasheet
49Kb / 1P
Stackable Banana Plug
BU-1120-A-60-0 ETC2-BU-1120-A-60-0 Datasheet
65Kb / 1P
Mini-plunger to Stackable Banana Plug
BU-2020-A-12-0 ETC2-BU-2020-A-12-0 Datasheet
64Kb / 1P
Stackable Banana Plug on Both End
BU-2020-A-60-0 ETC2-BU-2020-A-60-0 Datasheet
64Kb / 1P
Stackable Banana Plug on Both End
BU-31104-0 ETC2-BU-31104-0 Datasheet
225Kb / 1P
Insulated, Stackable Banana Plug
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
SOLDERLESS STACKABLE BANANA PLUG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com