Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q623 Datasheet (PDF) - Rohm

ML22Q623 Datasheet PDF - Rohm
Part # ML22Q623
Download  ML22Q623 Download
File Size   3131.58 Kbytes
Page   118 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4-Channel Mixin g Speec h Synthesis LSI with Built-in Flash M emory

ML22Q623 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML22Q623 Datasheet PDF - Rohm

Part # ML22Q623
Download  ML22Q623 Click to download

File Size   3131.58 Kbytes
Page   118 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4-Channel Mixin g Speec h Synthesis LSI with Built-in Flash M emory

ML22Q623 Datasheet (HTML) - Rohm


ML22Q623 Product details

■ Feature
● Sound data
Speech synthesis algorithm: The algorithm can be specified for each phrase. HQ-ADPCM/4bit ADPCM2/8bit non-linear PCM / 8bit Straight PCM/16bit Straight PCM
Sampling frequency: The sampling frequency can be specified for each phrase. 10.7/21.3kHz, 6.4/12.8/25.6kHz, 8.0/16.0/32.0kHz, 11.025/22.05/44.1kHz, 12.0/24.0/48.0kHz
Maximum number of phrases: 4096 Phrases
● Edit ROM function
● Playback function
Repeat function: LOOP command
Mixing-function: Up to 4-channel
Volume adjustment function: CVOL command 128 levels (including off-state) AVOL command 16 levels (including off-state)
● Low-pass filter
● 16-bit D/A converter
● Speaker amplifier: Class AB/D 1. 0W 8Ω (SPVDD =5V, Ta=25 OC)
● Line amplifier output: 10kΩ driving (Exclusive operation from speaker amplifier output)
● External analog sound input (at the time Class AB speaker amplifier choice, with analog mixing function)
● MCU command interface: Clock Synchronous Serial Interface
● Failure detection function
Speaker short detection: Speaker pin ground fault detection, speaker pin short detection
Speaker disconnection detection
Thermal detection
Clock error detection
Flash memory error detection
● Clock backup function
● Master clock frequency: 4.096MHz, 4.000MHz
● Power-supply voltage 2.7V to 5.5V DVDD,SPVDD and IOVDD can be set independently. (SPVDD≥DVDD)
● Operating temperature range: -40 ℃ to +70 ℃
● Package: 32-pin TQFP (7mm x 7mm, 0.8mm pitch)
● Ordered Part Name: ML22Q62X-NNNTB,ML22Q62X-xxxTB (32-pin TQFP)




Similar Part No. - ML22Q623

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
ADPCM Speech Synthesis LSI
logo
OKI electronic componet...
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54GA OKI-ML22Q54GA Datasheet
623Kb / 36P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q553 ETC2-ML22Q553 Datasheet
1Mb / 69P
4-Channel Mixing Speech Synthesis LSI
More results


Similar Description - ML22Q623

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
Voice Synthesis IC with Built-in Mask ROM
logo
List of Unclassifed Man...
ML22825-XXX ETC2-ML22825-XXX Datasheet
1Mb / 63P
Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
4-Channel Mixing Speech Synthesis LSI
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
4-Channel Mixing Speech Synthesis LSI
ML2282X-XXX ETC2-ML2282X-XXX Datasheet
1Mb / 63P
Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com