Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q665 Datasheet (PDF) - Rohm

ML22Q665 Datasheet PDF - Rohm
Part # ML22Q665
Download  ML22Q665 Download
File Size   3159.94 Kbytes
Page   120 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4- Channel Mixing Spee ch Synthesi s LSI with Built-in Flash M emory

ML22Q665 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML22Q665 Datasheet PDF - Rohm

Part # ML22Q665
Download  ML22Q665 Click to download

File Size   3159.94 Kbytes
Page   120 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4- Channel Mixing Spee ch Synthesi s LSI with Built-in Flash M emory

ML22Q665 Datasheet (HTML) - Rohm


ML22Q665 Product details

■ Feature
● Sound data
Speech synthesis algorithm: The algorithm can be specified for each phrase.
HQ-ADPCM/4bit ADPCM2/8bit non-linear PCM /
8bit Straight PCM/16bit Straight PCM
Sampling frequency: The sampling frequency can be specified for each phrase.
10.7/21.3kHz,
6.4/12.8/25.6kHz,
8.0/16.0/32.0kHz,
11.025/22.05/44.1kHz,
12.0/24.0/48.0kHz
Maximum number of phrases: 4096 Phrases
● Edit ROM function
● Playback function
Repeat function: LOOP command
Mixing-function: Up to 4-channel
Volume adjustment function: CVOL command 128 levels (including off-state)
AVOL command 16 levels (including off-state)
● Low-pass filter
● 16-bit D/A converter
● Speaker amplifier: Class AB 1. 0W 8Ω (SPVDD =5V, Ta=25 OC)
● Line amplifier output: 10kΩ driving (Exclusive operation from speaker amplifier output)
● External analog sound input (at the time Class AB speaker amplifier choice, with analog mixing function)
● MCU command interface: I2C Interface (Slave)
● Failure detection function
Speaker short detection: Speaker pin ground fault detection, speaker pin short detection
Speaker disconnection detection
Thermal detection
Clock error detection
Flash memory error detection
● Clock backup function
● Master clock frequency: 4.096MHz, 4.000MHz
● Power-supply voltage 2.7V to 5.5V*1
DVDD,SPV DD and IOVDD can be set independently. (SPVDD≥DVDD)
● Operating temperature range: -40 OCto +70 OC*2
● Package: 32-pin TQFP (7mm x 7mm, 0.8mm pitch)
● Ordered Part Name: ML22Q66X-NNNTB,ML22Q66X-xxxTB (32-pin TQFP) *3




Similar Part No. - ML22Q665

ManufacturerPart #DatasheetDescription
logo
Rohm
ML22Q623 ROHM-ML22Q623 Datasheet
3Mb / 118P
4-Channel Mixin g Speec h Synthesis LSI with Built-in Flash M emory
Jul 17, 2020
ML22Q625-NNNTBZ0BX ROHM-ML22Q625-NNNTBZ0BX Datasheet
3Mb / 118P
4-Channel Mixin g Speec h Synthesis LSI with Built-in Flash M emory
Jul 17, 2020
ML22Q62X-NNNTB ROHM-ML22Q62X-NNNTB Datasheet
3Mb / 118P
4-Channel Mixin g Speec h Synthesis LSI with Built-in Flash M emory
Jul 17, 2020
ML22Q62X-XXXTB ROHM-ML22Q62X-XXXTB Datasheet
3Mb / 118P
4-Channel Mixin g Speec h Synthesis LSI with Built-in Flash M emory
Jul 17, 2020
More results


Similar Description - ML22Q665

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6295 OKI-MSM6295 Datasheet
567Kb / 16P
4-CHANNEL MIXING ADPCM VOICE SYNTEHSIS LSI
logo
List of Unclassifed Man...
ML22825-XXX ETC2-ML22825-XXX Datasheet
1Mb / 63P
Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
4-Channel Mixing Speech Synthesis LSI
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
4-Channel Mixing Speech Synthesis LSI
ML2282X-XXX ETC2-ML2282X-XXX Datasheet
1Mb / 63P
Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com