Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS40428RHAT Datasheet (PDF) - Texas Instruments

TPS40428RHAT Datasheet PDF - Texas Instruments
Part # TPS40428RHAT
Download  TPS40428RHAT Download
File Size   2271.27 Kbytes
Page   93 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS40428 Dual Output, 2-Phase, Stackable PMBus™ Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus

TPS40428RHAT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40428RHAT Datasheet PDF - Texas Instruments

Part # TPS40428RHAT
Download  TPS40428RHAT Click to download

File Size   2271.27 Kbytes
Page   93 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS40428 Dual Output, 2-Phase, Stackable PMBus™ Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus

TPS40428RHAT Datasheet (HTML) - Texas Instruments


TPS40428RHAT Product details

1 Features
1• Smart Power Mode in Factory Default (Compatible
with TI Smart Power Stage CSD95378B and Pin-
for-Pin Equivalent to TPS40425 – Non-Smart
Power Mode in Factory Default)
• Single Supply Operation: 4.5 V to 20 V
• VOUT from 0.6 V
• Dual or Multi-Phase Synchronous Buck Controller
• Individual High-Speed AVS Interface
• Fast Transient Response
• Stackable up to Four Phases
– 2-, 3-, or 4-Phase Interleaved Phase Shifts
– Accurate Current Sharing
• PMBus Interface Capability
– Margining Up/Down with 2-mV Step
– Programmable Fault Limit and Response
– ±0.8% VOUT
– Accuracy Current Monitoring
– ±3°C External Temperature Monitoring In
Smart Power Mode
– Programmable UVLO ON/OFF Thresholds
– Programmable Soft-Start Time, Turn-On
Delay, and Turn-Off Delay
• On-Chip Non-Volatile Memory (NVM) to Store
Custom Configurations
• 0.6-V Reference Voltage with 0.5% Accuracy from
–40°C to 125°C
• Programmable ƒSW from 200 kHz to 1.5 MHz
• Supports Pre-biased Output
• Differential Remote Sensing
• Synchronization to an Extermal Clock
• OC/OV/UV/OT Fault Protection
• 40-Pin, 6 mm × 6 mm, QFN Package

2 Applications
• Wireless Infrastructure
• Switcher/Router Networking/Server/Storage

3 Description
The TPS40428 device is a PMBus, synchronous
buck, driverless controller. It operates in smart power
mode with factory default settings, and it can operate
in non-smart power mode after PMBus programing and power reboot. It can be configured for dual-
output or 2-phase operation. It is also stackable up to
4 phases to support load current as high as 120 A.
Interleaved phase shift for 2-. 3-, or 4-phases reduce the input and output ripples therefore reducing input
and output capacitance.
The wide input voltage range can support 5-V and
12-V intermediate supply buses. The 0.5% reference
voltage satisfies the need of precision voltage to the
modern ASICs.
Using the PMBus standard, the TPS40428 device
can program reference voltage, fault limit, UVLO threshold, soft-start time and turn-on and turn-off
delay.
In addition, the device implements an accurate
measurement system to monitor the output voltages,
currents and temperatures for individual channels.




Similar Part No. - TPS40428RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40428RHAT TI-TPS40428RHAT Datasheet
2Mb / 92P
TPS40428 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
More results


Similar Description - TPS40428RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40425 TI-TPS40425_15 Datasheet
2Mb / 95P
TPS40425 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
TPS40428 TI-TPS40428_15 Datasheet
2Mb / 92P
TPS40428 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137_16 Datasheet
965Kb / 53P
Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
logo
Renesas Technology Corp
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
RAA228228 RENESAS-RAA228228 Datasheet
219Kb / 5P
Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
May 17, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com