Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS79201DBVR Datasheet (PDF) - Texas Instruments

TPS79201DBVR Datasheet PDF - Texas Instruments
Part # TPS79201DBVR
Download  TPS79201DBVR Download
File Size   2451.35 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator

TPS79201DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS79201DBVR Datasheet PDF - Texas Instruments

Part # TPS79201DBVR
Download  TPS79201DBVR Click to download

File Size   2451.35 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator

TPS79201DBVR Datasheet (HTML) - Texas Instruments


TPS79201DBVR Product details

1 Features
• For a more updated portfolio device, see the
TPS7A20
• 100mA low-dropout regulator with enable
• Available in fixed-voltage versions and adjustable
• Low noise:
– 50μVRMS (legacy chip)
– 69μVRMS (new chip)
• Fast start-up time:
– 50μs (legacy chip)
– 500μs (new chip)
• Very-low dropout voltage: 55mV (typ)

2 Applications
• TV applications
• Building automation
• Smartphones and tablets
• Connected peripherals and printers
• Home theater and entertainment applications

3 Description
The TPS792 is a low-dropout (LDO) voltage
regulators that features high power-supply rejection
ratio (PSRR), and offers excellent line and load
transient responses. This device is stable with a
small 2.2μF ceramic capacitor on the output. The
TPS792 offers low dropout voltages for example,
55mV (typical) at 100mA. The low output noise and
great PSRR makes this device suitable to power
sensitive analog loads. The TPS792 offers a flexible
option for post regulation with its adjustable capability.




Similar Part No. - TPS79201DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79201DBVR TI-TPS79201DBVR Datasheet
134Kb / 13P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79201DBVR TI-TPS79201DBVR Datasheet
472Kb / 19P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79201DBVRG4 TI-TPS79201DBVRG4 Datasheet
472Kb / 19P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Similar Description - TPS79201DBVR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Texas Instruments
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
uPI Group Inc.
UP8804P UPI-UP8804P Datasheet
698Kb / 15P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8805P UPI-UP8805P Datasheet
704Kb / 14P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8808 UPI-UP8808 Datasheet
294Kb / 16P
Ultra Low Noise, Fast Response, High PSRR 1A Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Analog Devices
LT3073 AD-LT3073 Datasheet
1Mb / 37P
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com