Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1446086 Datasheet (PDF) - PHOENIX CONTACT

1446086 Datasheet PDF - PHOENIX CONTACT
Part # 1446086
Download  1446086 Download
File Size   317.08 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMCOW 1,5/ 5-ST-3,5-LR - PCB connector

1446086 Datasheet (PDF)

Go To PDF Page Download Datasheet
1446086 Datasheet PDF - PHOENIX CONTACT

Part # 1446086
Download  1446086 Click to download

File Size   317.08 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMCOW 1,5/ 5-ST-3,5-LR - PCB connector

1446086 Datasheet (HTML) - PHOENIX CONTACT


1446086 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of rows: 1, number of
positions: 5, product range: FMCOW 1,5/..-ST-LR, pitch: 3.5 mm, connection method: Push-in
spring connection, conductor/PCB connection direction: -90 °, plug-in system: COMBICON MC
1,5, locking: Lock-and-release locking system, mounting method: Lock & Release ejector lever,
type of packaging: packed in cardboard




Similar Part No. - 1446086

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1446080 PHOENIX-1446080 Datasheet
313Kb / 10P
FMCOW 1,5/ 2-ST-3,5-LR - PCB connector
1446083 PHOENIX-1446083 Datasheet
315Kb / 10P
FMCOW 1,5/ 3-ST-3,5-LR - PCB connector
1446085 PHOENIX-1446085 Datasheet
315Kb / 10P
FMCOW 1,5/ 4-ST-3,5-LR - PCB connector
1446088 PHOENIX-1446088 Datasheet
317Kb / 10P
FMCOW 1,5/ 6-ST-3,5-LR - PCB connector
More results


Similar Description - 1446086

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1790519 PHOENIX-1790519 Datasheet
161Kb / 10P
Printed-circuit board connector - DFMC 1,5/ 5-ST-3,5-LR
1849227 PHOENIX-1849227 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/ 5-ST-3,81-LR
Jul 20, 2022
1790548 PHOENIX-1790548 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 8-ST-3,5-LR
Nov 30, 2022
1790496 PHOENIX-1790496 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 3-ST-3,5-LR
Dec 30, 2022
1790535 PHOENIX-1790535 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 7-ST-3,5-LR
Jan 4, 2023
1790551 PHOENIX-1790551 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 9-ST-3,5-LR
Jan 3, 2023
1790632 PHOENIX-1790632 Datasheet
753Kb / 15P
PCB connector - DFMC 1,5/17-ST-3,5-LR
Jan 10, 2023
1816959 PHOENIX-1816959 Datasheet
553Kb / 13P
PCB connector - MC 1,5/12-ST-3,5-LR
Jan 5, 2023
1816975 PHOENIX-1816975 Datasheet
552Kb / 13P
MC 1,5/14-ST-3,5-LR - PCB connector
1817233 PHOENIX-1817233 Datasheet
449Kb / 13P
FK-MCP 1,5/ 2-ST-3,5-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com