Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P403A Datasheet (PDF) - Astrosyn International Technology Ltd.

P403A Datasheet PDF - Astrosyn International Technology Ltd.
Part # P403A
Download  P403A Download
File Size   136.18 Kbytes
Page   1 Pages
Manufacturer  ASTROSYN [Astrosyn International Technology Ltd.]
Direct Link  https://www.astrosyn.com/
Logo ASTROSYN - Astrosyn International Technology Ltd.
Description Model P403A Stepper Motor Driver

P403A Datasheet (PDF)

Go To PDF Page Download Datasheet
P403A Datasheet PDF - Astrosyn International Technology Ltd.

Part # P403A
Download  P403A Click to download

File Size   136.18 Kbytes
Page   1 Pages
Manufacturer  ASTROSYN [Astrosyn International Technology Ltd.]
Direct Link  https://www.astrosyn.com/
Logo ASTROSYN - Astrosyn International Technology Ltd.
Description Model P403A Stepper Motor Driver

P403A Datasheet (HTML) - Astrosyn International Technology Ltd.


P403A Product details

General Specification
Model P403A is a high performance microstepping driver suitable for 2-phase and 4-phase hybrid steppers requiring a drive current of up to 3.5A / phase. The design features an advanced bipolar constant-current chopper circuit with current control technology. This driver is suited to stepper motor control applications requiring low noise, low vibration, high speed and high precision.
Key Features
 Supply voltage to +40Vdc, current to 3.5A
 Inaudible 20khz chopping frequency
 TTL compatible and optically isolated input signals
 Automatic idle current reduction
 Mixed-decay current control for reduced motor heating
 15 selectable step resolutions in decimal and binary
 Microstepping to 51,200 steps/revolution
 Suitable for 4, 6 or 8 lead wire motors
 Overcurrent and overvoltage protected
 Short circuit protected
 Compact size

Additional Specifications
Drive Current: Adjustable from 1.3A to 3.5A
Supply Voltage: Input voltage from +24V to +40Vdc
Step Control: Full step, half step or microstepping
Control Inputs: Connections for pulse, direction and enable signals
Pulse Signal: Speed control to maximum frequency 200 kHz
Direction Signal: Clockwise or counter-clockwise rotation
Enable Signal: Driver enable or disable
Logic Signals: Current from 6mA to 30mA
Material: Black coated aluminium with integral heatsink
Mounting: Free standing or via mounting holes
Dimensions (WxHxD): 45 x 132 x 76 mm
Mass: 360g




Similar Part No. - P403A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P403 IRF-P403 Datasheet
90Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P403 VISHAY-P403 Datasheet
122Kb / 6P
Passivated Assembled Circuit Elements, 40 A
05-Nov-09
logo
NEC
P403 NEC-P403 Datasheet
833Kb / 2P
NEC LCD 40 Large Format Display
logo
Coilcraft lnc.
P403 COILCRAFT-P403 Datasheet
100Kb / 1P
Designer’s Kits
logo
NEC
P403-MT NEC-P403-MT Datasheet
607Kb / 2P
NEC LCD 40 Large Format Touch Screen
More results


Similar Description - P403A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
Motorola, Inc
SAA1042 MOTOROLA-SAA1042 Datasheet
100Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
STEPPER MOTOR DRIVER
Oct-2001
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
Stepper Motor Driver
June, 2006 ??Rev. 7
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com