Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P403A Datasheet(PDF) 1 Page - Astrosyn International Technology Ltd.

Part # P403A
Description  Model P403A Stepper Motor Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTROSYN [Astrosyn International Technology Ltd.]
Direct Link  https://www.astrosyn.com/
Logo ASTROSYN - Astrosyn International Technology Ltd.

P403A Datasheet(HTML) 1 Page - Astrosyn International Technology Ltd.

  P403A Datasheet HTML 1Page - Astrosyn International Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATASHEET Astrosyn
Astrosyn International Technology Ltd
The Old Courthouse, New Rd Ave, Chatham, Kent, ME4 6BE, England
Tel +44 (0) 1634 815175 Fax +44 (0) 1634 826552 www.astrosyn.com
Model P403A Stepper Motor Driver
General Specification
Model P403A is a high performance microstepping driver suitable for 2-phase and 4-phase hybrid
steppers requiring a drive current of up to 3.5A / phase. The design features an advanced bipolar
constant-current chopper circuit with current control technology. This driver is suited to stepper
motor control applications requiring low noise, low vibration, high speed and high precision.
Key Features
Supply voltage to +40Vdc, current to 3.5A
Inaudible 20khz chopping frequency
TTL compatible and optically isolated input signals
Automatic idle current reduction
Mixed-decay current control for reduced motor heating
15 selectable step resolutions in decimal and binary
Microstepping to 51,200 steps/revolution
Suitable for 4, 6 or 8 lead wire motors
Overcurrent and overvoltage protected
Short circuit protected
Compact size
Additional Specifications
Drive Current:
Adjustable from 1.3A to 3.5A
Supply Voltage:
Input voltage from +24V to +40Vdc
Step Control:
Full step, half step or microstepping
Control Inputs:
Connections for pulse, direction and enable signals
Pulse Signal:
Speed control to maximum frequency 200 kHz
Direction Signal:
Clockwise or counter-clockwise rotation
Enable Signal:
Driver enable or disable
Logic Signals:
Current from 6mA to 30mA
Material:
Black coated aluminium with integral heatsink
Mounting:
Free standing or via mounting holes
Dimensions (WxHxD):
45 x 132 x 76 mm
Mass:
360g


Similar Part No. - P403A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P403 IRF-P403 Datasheet
90Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P403 VISHAY-P403 Datasheet
122Kb / 6P
Passivated Assembled Circuit Elements, 40 A
05-Nov-09
logo
NEC
P403 NEC-P403 Datasheet
833Kb / 2P
NEC LCD 40 Large Format Display
logo
Coilcraft lnc.
P403 COILCRAFT-P403 Datasheet
100Kb / 1P
Designer’s Kits
logo
NEC
P403-MT NEC-P403-MT Datasheet
607Kb / 2P
NEC LCD 40 Large Format Touch Screen
More results

Similar Description - P403A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
Motorola, Inc
SAA1042 MOTOROLA-SAA1042 Datasheet
100Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
STEPPER MOTOR DRIVER
Oct-2001
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
Stepper Motor Driver
June, 2006 ??Rev. 7
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com