Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P542 Datasheet (PDF) - Astrosyn International Technology Ltd.

P542 Datasheet PDF - Astrosyn International Technology Ltd.
Part # P542
Download  P542 Download
File Size   119.62 Kbytes
Page   1 Pages
Manufacturer  ASTROSYN [Astrosyn International Technology Ltd.]
Direct Link  https://www.astrosyn.com/
Logo ASTROSYN - Astrosyn International Technology Ltd.
Description HIGH PERFORMANCE MICROSTEPPING DRIVER

P542 Datasheet (PDF)

Go To PDF Page Download Datasheet
P542 Datasheet PDF - Astrosyn International Technology Ltd.

Part # P542
Download  P542 Click to download

File Size   119.62 Kbytes
Page   1 Pages
Manufacturer  ASTROSYN [Astrosyn International Technology Ltd.]
Direct Link  https://www.astrosyn.com/
Logo ASTROSYN - Astrosyn International Technology Ltd.
Description HIGH PERFORMANCE MICROSTEPPING DRIVER

P542 Datasheet (HTML) - Astrosyn International Technology Ltd.


P542 Product details

Additional Specifications
Drive current: Adjustable from 1.0A to 4.0A
Supply voltage: Input voltage from +20V to +50Vdc
Step control: Full step or microstepping
Control inputs: Connections for pulse, direction and enable signals
Pulse signal: Speed control to maximum frequency 200kHz
Direction signal: Clockwise or counter-clockwise rotation
Enable signal: Driver enable or disable
Logic signals: Current from 6mA to 30mA
Material: Black coated aluminium with integral heatsink
Mounting: Free standing or via mounting holes
Dimensions (WxHxD): 118 x 76 x 33 mm
Mass: 300g




Similar Part No. - P542

ManufacturerPart #DatasheetDescription
logo
Mclennan Servo Supplie...
P542 MCLENNAN-P542 Datasheet
539Kb / 6P
High precision instrument gearhead
P542-L48-G01 MCLENNAN-P542-L48-G01 Datasheet
657Kb / 5P
P542 - Series Geared Stepper Motors
P542-L48-G03 MCLENNAN-P542-L48-G03 Datasheet
657Kb / 5P
P542 - Series Geared Stepper Motors
P542-L48-G04 MCLENNAN-P542-L48-G04 Datasheet
657Kb / 5P
P542 - Series Geared Stepper Motors
P542-L48-G05 MCLENNAN-P542-L48-G05 Datasheet
657Kb / 5P
P542 - Series Geared Stepper Motors
More results


Similar Description - P542

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3967SLB ALLEGRO-A3967SLB Datasheet
545Kb / 16P
MICROSTEPPING DRIVER WITH TRANSLATOR
logo
List of Unclassifed Man...
IM2000S ETC-IM2000S Datasheet
142Kb / 16P
HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
logo
Allegro MicroSystems
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
DMOS Microstepping Driver with Translator
logo
List of Unclassifed Man...
IM1007 ETC2-IM1007 Datasheet
384Kb / 2P
HIGH PERFORMANCE MICROSTEPPING DRIVER
logo
Allegro MicroSystems
A3967 ALLEGRO-A3967 Datasheet
443Kb / 15P
Microstepping Driver with Translator
A3967SLBTR-T ALLEGRO-A3967SLBTR-T Datasheet
443Kb / 15P
Microstepping Driver with Translator
logo
IXYS Corporation
IXMS150PSI IXYS-IXMS150PSI Datasheet
464Kb / 10P
High Performance Dual PWM Microstepping Controller
logo
MotionKing Motor Indust...
2L130M MOTIONKING-2L130M Datasheet
321Kb / 9P
High Performance & Low Noise Microstepping Driver
2L415B MOTIONKING-2L415B Datasheet
117Kb / 5P
High Performance-Cost ratio 2-phase Microstepping Driver
3L1183M MOTIONKING-3L1183M Datasheet
276Kb / 9P
High Performance & Low Noise 3-phase Microstepping Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com