Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXMS150PSI Datasheet (PDF) - IXYS Corporation

IXMS150PSI Datasheet PDF - IXYS Corporation
Part # IXMS150PSI
Download  IXMS150PSI Download
File Size   464.67 Kbytes
Page   10 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description High Performance Dual PWM Microstepping Controller

IXMS150PSI Datasheet (PDF)

Go To PDF Page Download Datasheet
IXMS150PSI Datasheet PDF - IXYS Corporation

Part # IXMS150PSI
Download  IXMS150PSI Click to download

File Size   464.67 Kbytes
Page   10 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description High Performance Dual PWM Microstepping Controller

IXMS150PSI Datasheet (HTML) - IXYS Corporation


IXMS150PSI Product details

High Performance Dual PWM Microstepping Controller

The IXMS150 is a high performance monolithic 2-channel PWM controller. Implemented in CMOS, the low power IXMS150 precisely controls the current in each of two separate power H-bridge drivers using unique sampling and signal processing techniques. Each channel contains an error amplifier, PWM, feedback amplifier, and protection circuitry. Protection features include over/excess current shutdown, min/max duty cycle clamp, under voltage lockout, dead time insertion, and a shutdown input for over-temp or other external fault circuitry. Other features include a common oscillator, feedforward circuit for motor supply compensation, and an onchip negative bias generator.

Features
• Two complete, synchronous PWMs
• Command input range ±2.0 V full scale
• ±0.625 V full scale current feedback signal
• 1% gain matching between channels without external trim
• 1.6% gain linearity
• Feedforward to compensate for motor supply variations
• Only one sense resistor per H-bridge needed
• Onboard two level current limiting
• Undervoltage lockout assures proper behavior on power up and power down
• Enable input for external over temperature or fault circuit input
• Duty cycles limited for AC coupled gate drive
• Wide range of built in dead time.
• On board negative power supply generator
• Single +12 V supply operation
• 24-pin DIP package

Applications
• Full, half quarter, or microstepping 2-phase step motor position controller
• Dual DC servo motor torque controller
• Solenoid actuator force controller
• General 2-channel currentcommanded PWM control





Similar Description - IXMS150PSI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IM2000S ETC-IM2000S Datasheet
142Kb / 16P
HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
logo
Semtech Corporation
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
High Performance Dual Ended PWM Controller
SC4808C SEMTECH-SC4808C Datasheet
381Kb / 24P
High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
SC4808B-1 SEMTECH-SC4808B-1 Datasheet
439Kb / 28P
High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2_09 Datasheet
802Kb / 28P
High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A_16 Datasheet
473Kb / 31P
High Performance Dual Ended PWM Controller
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
High-Performance PWM Controller
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com